Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P128 Datasheet (PDF) - Numonyx B.V

M25P128 Datasheet PDF - Numonyx B.V
Part # M25P128
Download  M25P128 Download
File Size   862.71 Kbytes
Page   45 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description 128 Mbit (Multilevel), low-voltage, Serial Flash memory with 50-MHz SPI bus interface

M25P128 Datasheet (PDF)

Go To PDF Page Download Datasheet
M25P128 Datasheet PDF - Numonyx B.V

Part # M25P128
Download  M25P128 Click to download

File Size   862.71 Kbytes
Page   45 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description 128 Mbit (Multilevel), low-voltage, Serial Flash memory with 50-MHz SPI bus interface

M25P128 Datasheet (HTML) - Numonyx B.V


M25P128 Product details

Summary description

The M25P128 is a 128 Mbit (16 Mbit × 8), multilevel Serial Flash memory, with advanced write protection mechanisms, accessed by a high speed SPI-compatible bus.

The memory can be programmed 1 to 256 bytes at a time, using the Page Program instruction.

The memory is organized as 64 sectors, each containing 1024 pages. Each page is 256 bytes wide. Thus, the whole memory can be viewed as consisting of 65536 pages, or 16777216 bytes.

An enhanced Fast Program/Erase mode is available to speed up operations in factory environment. The device enters this mode whenever the VPPH voltage is applied to the Write Protect/Enhanced Program Supply Voltage pin (W/VPP).

The whole memory can be erased using the Bulk Erase instruction, or a sector at a time, using the Sector Erase instruction.

In order to meet environmental requirements, Numonyx offers these devices in ECOPACK®

packages. ECOPACK® packages are Lead-free and RoHS compliant.



Feature summary

■ 128 Mbit of Flash memory

■ 2.7 to 3.6 V single supply voltage

■ SPI bus compatible Serial interface

■ 50 MHz clock rate (maximum)

■ VPP = 9 V for fast Program/Erase mode(optional)

■ Page Program (up to 256 Bytes):

– in 2.5 ms (typical)

– in 1.2 ms (typical with VPP = 9 V)

■ Sector Erase (2 Mbit)

■ Bulk Erase (128 Mbit)

■ Electronic signature

– JEDEC standard two-byte signature(2018h)

■ More than 10000 Erase/Program cycles per sector

■ More than 20-year data retention

■ Packages

– ECOPACK® (RoHS compliant)




Similar Part No. - M25P128

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P128 STMICROELECTRONICS-M25P128 Datasheet
303Kb / 41P
128 Mbit (Multilevel), Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
20-Jan-2006
logo
Numonyx B.V
M25P128 NUMONYX-M25P128 Datasheet
905Kb / 47P
128-Mbit, low-voltage, serial flash memory with 54-MHz SPI bus interface
logo
STMicroelectronics
M25P128-VME6G STMICROELECTRONICS-M25P128-VME6G Datasheet
303Kb / 41P
128 Mbit (Multilevel), Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
20-Jan-2006
M25P128-VME6P STMICROELECTRONICS-M25P128-VME6P Datasheet
303Kb / 41P
128 Mbit (Multilevel), Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
20-Jan-2006
M25P128-VME6TG STMICROELECTRONICS-M25P128-VME6TG Datasheet
303Kb / 41P
128 Mbit (Multilevel), Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
20-Jan-2006
More results


Similar Description - M25P128

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16 Datasheet
532Kb / 39P
16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
17-May-2004
logo
AMIC Technology
A25L80P AMICC-A25L80P Datasheet
513Kb / 34P
8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
logo
STMicroelectronics
M25P128 STMICROELECTRONICS-M25P128 Datasheet
303Kb / 41P
128 Mbit (Multilevel), Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
20-Jan-2006
M25P16 STMICROELECTRONICS-M25P16_07 Datasheet
486Kb / 55P
16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
10-Oct-2006
M25P40 STMICROELECTRONICS-M25P40_07 Datasheet
497Kb / 53P
4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
26-Jun-2007
logo
Numonyx B.V
M25P10-A NUMONYX-M25P10-A Datasheet
987Kb / 51P
1 Mbit, serial Flash memory, 50 MHz SPI bus interface
M25P40 NUMONYX-M25P40 Datasheet
1,016Kb / 53P
4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
M25P64 NUMONYX-M25P64 Datasheet
942Kb / 50P
64 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
logo
Micron Technology
M25P128-VMF6TPB MICRON-M25P128-VMF6TPB Datasheet
905Kb / 47P
128-Mbit, low-voltage, serial flash memory with 54-MHz SPI bus interface
logo
Numonyx B.V
M24512-DFMC6TG NUMONYX-M24512-DFMC6TG Datasheet
905Kb / 47P
128-Mbit, low-voltage, serial flash memory with 54-MHz SPI bus interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com