Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P40 Datasheet (PDF) - Numonyx B.V

M25P40 Datasheet PDF - Numonyx B.V
Part # M25P40
Download  M25P40 Download
File Size   1016.01 Kbytes
Page   53 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description 4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface

M25P40 Datasheet (PDF)

Go To PDF Page Download Datasheet
M25P40 Datasheet PDF - Numonyx B.V

Part # M25P40
Download  M25P40 Click to download

File Size   1016.01 Kbytes
Page   53 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description 4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface

M25P40 Datasheet (HTML) - Numonyx B.V


M25P40 Product details

Description
The M25P40 is a 4 Mbit (512 K × 8) Serial Flash memory, with advanced write protection mechanisms, accessed by a high speed SPI-compatible bus. The M25P40 features high performance instructions allowing clock frequency up to 75 MHz.(1)

Features
■ 4 Mbit of Flash memory
■ 2.3 V to 3.6 V single supply voltage
■ SPI bus compatible serial interface
■ 75 MHz clock rate (maximum)
■ Page Program (up to 256 bytes) in 0.8 ms (typical)
■ Sector Erase (512 Kbit) in 0.6 s (typical)
■ Bulk Erase (4 Mbit) in 4.5 s (typical)
■ Deep Power-down mode 1 μA (typical)
■ Hardware Write Protection: protected area size defined by three non-volatile bits (BP0, BP1 and BP2)
■ Electronic signatures
  – JEDEC standard two-byte signature(2013h)
  – Unique ID code (UID) with 16 bytes read only, available upon customer request
  – RES instruction, one-byte, signature (12h), for backward compatibility
■ Packages
  – RoHS compliant
■ Automotive grade parts available




Similar Part No. - M25P40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P40 STMICROELECTRONICS-M25P40 Datasheet
262Kb / 40P
4 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
05-Aug-2004
M25P40 STMICROELECTRONICS-M25P40 Datasheet
128Kb / 7P
512 Kbit to 32 Mbit, Low Voltage, Serial Flash Memory With 40 MHz or 50 MHz SPI Bus Interface
08-Oct-2004
M25P40 STMICROELECTRONICS-M25P40 Datasheet
497Kb / 53P
4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
26-Jun-2007
logo
Micron Technology
M25P40 MICRON-M25P40 Datasheet
785Kb / 59P
Micron M25P40 Serial Flash Embedded Memory
M25P40-VMB6Txx MICRON-M25P40-VMB6Txx Datasheet
785Kb / 59P
Micron M25P40 Serial Flash Embedded Memory
More results


Similar Description - M25P40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P40 STMICROELECTRONICS-M25P40 Datasheet
262Kb / 40P
4 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
05-Aug-2004
M25P16 STMICROELECTRONICS-M25P16 Datasheet
532Kb / 39P
16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
17-May-2004
logo
AMIC Technology
A25L80P AMICC-A25L80P Datasheet
513Kb / 34P
8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16_07 Datasheet
486Kb / 55P
16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
10-Oct-2006
logo
AMIC Technology
A25L40P AMICC-A25L40P Datasheet
473Kb / 38P
4 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
logo
STMicroelectronics
M25P40 STMICROELECTRONICS-M25P40_07 Datasheet
497Kb / 53P
4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
26-Jun-2007
logo
Numonyx B.V
M25P10-A NUMONYX-M25P10-A Datasheet
987Kb / 51P
1 Mbit, serial Flash memory, 50 MHz SPI bus interface
M25P64 NUMONYX-M25P64 Datasheet
942Kb / 50P
64 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
M25P80 NUMONYX-M25P80 Datasheet
994Kb / 52P
8 Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
M25P128 NUMONYX-M25P128 Datasheet
862Kb / 45P
128 Mbit (Multilevel), low-voltage, Serial Flash memory with 50-MHz SPI bus interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com