Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C50A Datasheet (PDF) - Renesas Technology Corp

82C50A Datasheet PDF - Renesas Technology Corp
Part # 82C50A
Download  82C50A Download
File Size   985.34 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Asynchronous

82C50A Datasheet (PDF)

Go To PDF Page Download Datasheet
82C50A Datasheet PDF - Renesas Technology Corp

Part # 82C50A
Download  82C50A Click to download

File Size   985.34 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Asynchronous

82C50A Datasheet (HTML) - Renesas Technology Corp


82C50A Product details

The 82C50A Asynchronous Communication Element (ACE) is a high performance programmable Universal Asynchronous Receiver/Transmitter (UART) and Baud Rate Generator (BRG) on a single chip. Using Intersil’s advanced Scaled SAJI IV CMOS Process, the ACE will support data rates from DC to 625K baud (0-10MHz clock).

Features
• Single Chip UART/BRG
• DC to 625K Baud (DC to 10MHz Clock)
• Crystal or External Clock Input
• On Chip Baud Rate Generator 1 to 65535 Divisor Generates 16X Clock
• Prioritized Interrupt Mode
• Fully TTL/CMOS Compatible
• Microprocessor Bus Oriented Interface
• 80C86/80C88 Compatible
• Scaled SAJI IV CMOS Process
• Low Power - 1mA/MHz Typical
• Modem Interface
• Line Break Generation and Detection
• Loopback and Echo Modes
• Doubled Buffered Transmitter and Receiver
• Single 5V Supply
• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - 82C50A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C50A INTERSIL-82C50A Datasheet
101Kb / 21P
CMOS Asynchronous Communications Element
March 1997
82C50A INTERSIL-82C50A Datasheet
282Kb / 25P
CMOS Asynchronous
August 24, 2006
82C50A INTERSIL-82C50A_06 Datasheet
282Kb / 25P
CMOS Asynchronous
August 24, 2006
More results


Similar Description - 82C50A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C50A INTERSIL-82C50A Datasheet
101Kb / 21P
CMOS Asynchronous Communications Element
March 1997
logo
Sharp Corporation
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
CMOS 2048X9 ASYNCHRONOUS FIFO
logo
Intersil Corporation
82C50A INTERSIL-82C50A_06 Datasheet
282Kb / 25P
CMOS Asynchronous
August 24, 2006
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203_06 Datasheet
112Kb / 14P
CMOS ASYNCHRONOUS FIFO
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_12 Datasheet
295Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
IDT7200L IDT-IDT7200L_17 Datasheet
139Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7203 RENESAS-IDT7203 Datasheet
276Kb / 15P
CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
IDT7280 RENESAS-IDT7280 Datasheet
114Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com