Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C50A Datasheet (PDF) - Intersil Corporation

82C50A Datasheet PDF - Intersil Corporation
Part # 82C50A
Download  82C50A Download
File Size   101.16 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Asynchronous Communications Element

82C50A Datasheet (PDF)

Go To PDF Page Download Datasheet
82C50A Datasheet PDF - Intersil Corporation

Part # 82C50A
Download  82C50A Click to download

File Size   101.16 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Asynchronous Communications Element

82C50A Datasheet (HTML) - Intersil Corporation


82C50A Product details

The 82C50A Asynchronous Communication Element (ACE) is a high performance programmable Universal Asynchronous Receiver/Transmitter (UART) and Baud Rate Generator (BRG) on a single chip. Using Intersil’s advanced Scaled SAJI IV CMOS Process, the ACE will support data rates from DC to 625K baud (0-10MHz clock).

Features
• Single Chip UART/BRG
• DC to 625K Baud (DC to 10MHz Clock)
• Crystal or External Clock Input
• On Chip Baud Rate Generator 1 to 65535 Divisor Generates 16X Clock
• Prioritized Interrupt Mode
• Fully TTL/CMOS Compatible
• Microprocessor Bus Oriented Interface
• 80C86/80C88 Compatible
• Scaled SAJI IV CMOS Process
• Low Power - 1mA/MHz Typical
• Modem Interface
• Line Break Generation and Detection
• Loopback and Echo Modes
• Doubled Buffered Transmitter and Receiver
• Single 5V Supply
• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - 82C50A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C50A INTERSIL-82C50A Datasheet
282Kb / 25P
CMOS Asynchronous
August 24, 2006
logo
Renesas Technology Corp
82C50A RENESAS-82C50A Datasheet
985Kb / 25P
CMOS Asynchronous
logo
Intersil Corporation
82C50A INTERSIL-82C50A_06 Datasheet
282Kb / 25P
CMOS Asynchronous
August 24, 2006
More results


Similar Description - 82C50A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
ASYNCHRONOUS-COMMUNICATIONS ELEMENT
logo
KODENSHI_AUK CORP.
KK16C554PL KODENSHI-KK16C554PL Datasheet
503Kb / 21P
QUAD-UART ASYNCHRONOUS COMMUNICATIONS ELEMENT
logo
Texas Instruments
TL16C554A TI1-TL16C554A_13 Datasheet
1Mb / 46P
ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C552AFNR TI-TL16C552AFNR Datasheet
473Kb / 38P
DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554FNR TI-TL16C554FNR Datasheet
589Kb / 35P
ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C450 TI1-TL16C450_09 Datasheet
395Kb / 27P
ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com