Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3080A Datasheet (PDF) - Renesas Technology Corp

CA3080A Datasheet PDF - Renesas Technology Corp
Part # CA3080A
Download  CA3080A Download
File Size   1119.99 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2MHz, Operational Transconductance Amplifier (OTA)

CA3080A Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3080A Datasheet PDF - Renesas Technology Corp

Part # CA3080A
Download  CA3080A Click to download

File Size   1119.99 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2MHz, Operational Transconductance Amplifier (OTA)

CA3080A Datasheet (HTML) - Renesas Technology Corp


CA3080A Product details

2MHz, Operational Transconductance Amplifier (OTA)

The CA3080 and CA3080A types are Gatable-Gain Blocks which utilize the unique operational-transconductance-amplifier (OTA) concept described in Application Note AN6668, “Applications of the CA3080 and CA3080A High-Performance Operational Transconductance Amplifiers”.
The CA3080 and CA3080A types have differential input and a single-ended, push-pull, class A output. In addition, these types have an amplifier bias input which may be used either for gating or for linear gain control. These types also have a high output impedance and their transconductance (gM) is directly proportional to the amplifier bias current (IABC).

Features
• Slew Rate (Unity Gain, Compensated) . . . . . . . . . 50V/s
• Adjustable Power Consumption . . . . . . . . . . . .10W to 30W
• Flexible Supply Voltage Range . . . . . . . . . . . . 2V to 15V
• Fully Adjustable Gain . . . . . . . . . . . . . . . . .0 to gMRL Limit
• Tight gM Spread:
   - CA3080. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2:1
   - CA3080A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.6:1
• Extended gM Linearity . . . . . . . . . . . . . . . . . . . 3 Decades

Applications
• Sample and Hold
• Comparator
• Voltage Follower
• Multiplier
• Multiplexer




Similar Part No. - CA3080A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3080A INTERSIL-CA3080A Datasheet
880Kb / 11P
2MHz, Operational Transconductance Amplifier (OTA)
September 1998
CA3080A INTERSIL-CA3080A Datasheet
942Kb / 11P
2MHz, Operational Transconductance Amplifier (OTA)
August 2004
logo
Rochester Electronics
CA3080A ROCHESTER-CA3080A Datasheet
609Kb / 4P
2MHz, Operational Transcondictance Amplifier (OTA) Slew Rate
logo
Intersil Corporation
CA3080AE INTERSIL-CA3080AE Datasheet
880Kb / 11P
2MHz, Operational Transconductance Amplifier (OTA)
September 1998
CA3080AE INTERSIL-CA3080AE Datasheet
942Kb / 11P
2MHz, Operational Transconductance Amplifier (OTA)
August 2004
More results


Similar Description - CA3080A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
2MHz, Operational Transconductance Amplifier (OTA)
September 1998
CA3094 INTERSIL-CA3094 Datasheet
241Kb / 14P
30MHz, High Output Current Operational Transconductance Amplifier (OTA)
April 1999
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Burr-Brown (TI)
OPA860 BURR-BROWN-OPA860 Datasheet
613Kb / 29P
Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
2MHz, Operational Transconductance Amplifier (OTA)
August 2004
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
Dual, 9MHz, Operational Transconductance Amplifier (OTA)
May 2002
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
Dual Operational Transconductance Amplifier (OTA)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com