Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4501IU Datasheet (PDF) - Renesas Technology Corp

EL4501IU Datasheet PDF - Renesas Technology Corp
Part # EL4501IU
Download  EL4501IU Download
File Size   924.74 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Video Front End

EL4501IU Datasheet (PDF)

Go To PDF Page Download Datasheet
EL4501IU Datasheet PDF - Renesas Technology Corp

Part # EL4501IU
Download  EL4501IU Click to download

File Size   924.74 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Video Front End

EL4501IU Datasheet (HTML) - Renesas Technology Corp


EL4501IU Product details

The EL4501 is a highly-integrated Video Front End (VFE) incorporating all of the key signal conditioning functions for analog video signals. It provides a flexible front-end interface for analog or analog/digital video sub-systems. The VFE contains a high bandwidth DC-restore, an advanced sync separator and a data slicer with an adjustable threshold, configurable output and power-down mode.

Features
• DC-restore and sync separator
• Wideband (100MHz) DC-restore
• Advanced sync separator
• Programmable data slicer
• Single 5V operation
• Diff gain/phase = 0.05%/0.03°, RL = 10kΩ, AV = 1
• Low power (<75mW)
• Pb-free plus anneal available (RoHS compliant)

Applications
• Video capture & editing
• Video projectors
• Set top boxes
• Security video
• Embedded data recovery




Similar Part No. - EL4501IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4501IU INTERSIL-EL4501IU Datasheet
477Kb / 19P
Video Front End
July 7, 2004
EL4501IU INTERSIL-EL4501IU Datasheet
365Kb / 19P
Video Front End
April 28, 2006
EL4501IU INTERSIL-EL4501IU Datasheet
469Kb / 19P
Video Front End (VFE)
November 12, 2010
EL4501IU-T13 INTERSIL-EL4501IU-T13 Datasheet
477Kb / 19P
Video Front End
July 7, 2004
EL4501IU-T13 INTERSIL-EL4501IU-T13 Datasheet
365Kb / 19P
Video Front End
April 28, 2006
More results


Similar Description - EL4501IU

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4101C ELANTEC-EL4101C Datasheet
61Kb / 6P
500MHz Video Front End - 4:1MUX DC-Restore
EL4102C ELANTEC-EL4102C Datasheet
272Kb / 9P
500MHz Video Front End: 4-1 MUX, VGA & DC-Restore
EL4501C ELANTEC-EL4501C Datasheet
183Kb / 10P
Video Front End
logo
NXP Semiconductors
PNX3000 PHILIPS-PNX3000 Datasheet
285Kb / 51P
Analog front end for digital video processors
2004 Oct 04
logo
National Semiconductor ...
ADCS9888 NSC-ADCS9888 Datasheet
764Kb / 34P
205/170/140 MSPS Video Analog Front End
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
Video Front End
July 7, 2004
EL4501 INTERSIL-EL4501_06 Datasheet
365Kb / 19P
Video Front End
April 28, 2006
logo
National Semiconductor ...
ADCS9888 NSC-ADCS9888_05 Datasheet
1Mb / 34P
205/170/140 MSPS Video Analog Front End
logo
Intersil Corporation
EL4501 INTERSIL-EL4501_10 Datasheet
469Kb / 19P
Video Front End (VFE)
November 12, 2010
logo
Faraday Technology
ADC-100 FARADAY-ADC-100 Datasheet
187Kb / 5P
VIDEO FRONT-END MODULES
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com