Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4585 Datasheet (PDF) - Renesas Technology Corp

EL4585 Datasheet PDF - Renesas Technology Corp
Part # EL4585
Download  EL4585 Download
File Size   742.97 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Horizontal Genlock, 8FSC

EL4585 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL4585 Datasheet PDF - Renesas Technology Corp

Part # EL4585
Download  EL4585 Click to download

File Size   742.97 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Horizontal Genlock, 8FSC

EL4585 Datasheet (HTML) - Renesas Technology Corp


EL4585 Product details

The EL4585 is a PLL (Phase Lock Loop) sub-system, designed for video applications and also suitable for general purpose use up to 36MHz. In video applications, this device generates a TTL/CMOS-compatible pixel clock (CLK OUT) which is a multiple of the TV horizontal scan rate and phase locked to it.

Features
• 36MHz, general purpose PLL
• 8FSC timing (use the EL4584 for 4FSC)
• Compatible with EL4583 sync separator
• VCXO, Xtal, or LC tank oscillator
• < 2ns jitter (VCXO)
• User-controlled PLL capture and lock
• Compatible with NTSC and PAL TV formats
• 8 pre-programmed popular TV scan rate clock divisors
• Single 5V, low current operation
• Pb-Free Available (RoHS Compliant)

Applications
• Pixel clock regeneration
• Video compression engine (MPEG) clock generator
• Video capture or digitization
• PIP (Picture in Picture) timing generator
• Text or graphics overlay timing




Similar Part No. - EL4585

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4585 ELANTEC-EL4585 Datasheet
262Kb / 16P
Horizontal Genlock, 8 FSC
logo
Intersil Corporation
EL4585 INTERSIL-EL4585 Datasheet
271Kb / 15P
Horizontal Genlock, 8FSC
September 3, 2009
logo
Elantec Semiconductor
EL4585C ELANTEC-EL4585C Datasheet
262Kb / 16P
Horizontal Genlock, 8 FSC
EL4585CN ELANTEC-EL4585CN Datasheet
262Kb / 16P
Horizontal Genlock, 8 FSC
logo
Intersil Corporation
EL4585CN INTERSIL-EL4585CN Datasheet
271Kb / 15P
Horizontal Genlock, 8FSC
September 3, 2009
More results


Similar Description - EL4585

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0118C SAMSUNG-KS0118C Datasheet
71Kb / 10P
GENLOCK ADC
logo
Elantec Semiconductor
EL4584C ELANTEC-EL4584C Datasheet
275Kb / 16P
Horizontal Genlock, 4 FSC
EL4585C ELANTEC-EL4585C Datasheet
262Kb / 16P
Horizontal Genlock, 8 FSC
logo
Integrated Circuit Syst...
AV9173-01 ICST-AV9173-01 Datasheet
148Kb / 6P
Video Genlock PLL
RevC052197
AV9173-15 ICST-AV9173-15 Datasheet
148Kb / 6P
Video Genlock PLL
RevC051397
MK9173-01 ICST-MK9173-01 Datasheet
163Kb / 7P
Video Genlock PLL
logo
Intersil Corporation
EL4584 INTERSIL-EL4584 Datasheet
313Kb / 15P
Horizontal Genlock, 4FSC
May 9, 2008
EL4585 INTERSIL-EL4585 Datasheet
271Kb / 15P
Horizontal Genlock, 8FSC
September 3, 2009
logo
Integrated Device Techn...
IDT9173B IDT-IDT9173B Datasheet
310Kb / 9P
VIDEO GENLOCK PLL
logo
Renesas Technology Corp
EL4584 RENESAS-EL4584 Datasheet
731Kb / 15P
Horizontal Genlock, 4FSC
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com