Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4585 Datasheet (PDF) - Intersil Corporation

EL4585 Datasheet PDF - Intersil Corporation
Part # EL4585
Download  EL4585 Download
File Size   271.74 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Horizontal Genlock, 8FSC

EL4585 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL4585 Datasheet PDF - Intersil Corporation

Part # EL4585
Download  EL4585 Click to download

File Size   271.74 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Horizontal Genlock, 8FSC

EL4585 Datasheet (HTML) - Intersil Corporation


EL4585 Product details

General Description
The EL4585C is a PLL (Phase Lock Loop) sub system, designed for video applications, but also suitable for general purpose use up to 36 MHz. In a video application this device generates a TTL/CMOS compatible Pixel Clock (Clk Out) which is a multiple of the TV Horizontal scan rate, and phase locked to it.

Features
• 36 MHz, general purpose PLL
• 8 FSC timing. (Use the EL4584 for 4 FSC)
• Compatible with EL4583C Sync Separator
• VCXO, Xtal, or LC tank oscillator
• k2nS jitter (VCXO)
• User-controlled PLL capture and lock
• Compatible with NTSC and PAL TV formats
• 8 pre-programmed popular TV scan rate clock divisors
• Single 5V, low current operation

Applications
• Pixel Clock regeneration
• Video compression engine (MPEG) clock generator
• Video Capture or digitization
• PIP (Picture In Picture) timing generator
• Text or Graphics overlay timing




Similar Part No. - EL4585

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4585 ELANTEC-EL4585 Datasheet
262Kb / 16P
Horizontal Genlock, 8 FSC
logo
Renesas Technology Corp
EL4585 RENESAS-EL4585 Datasheet
742Kb / 15P
Horizontal Genlock, 8FSC
logo
Elantec Semiconductor
EL4585C ELANTEC-EL4585C Datasheet
262Kb / 16P
Horizontal Genlock, 8 FSC
EL4585CN ELANTEC-EL4585CN Datasheet
262Kb / 16P
Horizontal Genlock, 8 FSC
logo
Renesas Technology Corp
EL4585CN RENESAS-EL4585CN Datasheet
742Kb / 15P
Horizontal Genlock, 8FSC
More results


Similar Description - EL4585

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0118C SAMSUNG-KS0118C Datasheet
71Kb / 10P
GENLOCK ADC
logo
Elantec Semiconductor
EL4584C ELANTEC-EL4584C Datasheet
275Kb / 16P
Horizontal Genlock, 4 FSC
EL4585C ELANTEC-EL4585C Datasheet
262Kb / 16P
Horizontal Genlock, 8 FSC
logo
Integrated Circuit Syst...
AV9173-01 ICST-AV9173-01 Datasheet
148Kb / 6P
Video Genlock PLL
RevC052197
AV9173-15 ICST-AV9173-15 Datasheet
148Kb / 6P
Video Genlock PLL
RevC051397
MK9173-01 ICST-MK9173-01 Datasheet
163Kb / 7P
Video Genlock PLL
logo
Intersil Corporation
EL4584 INTERSIL-EL4584 Datasheet
313Kb / 15P
Horizontal Genlock, 4FSC
May 9, 2008
logo
Integrated Device Techn...
IDT9173B IDT-IDT9173B Datasheet
310Kb / 9P
VIDEO GENLOCK PLL
logo
Renesas Technology Corp
EL4584 RENESAS-EL4584 Datasheet
731Kb / 15P
Horizontal Genlock, 4FSC
EL4585 RENESAS-EL4585 Datasheet
742Kb / 15P
Horizontal Genlock, 8FSC
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com