Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5171 Datasheet (PDF) - Renesas Technology Corp

EL5171 Datasheet PDF - Renesas Technology Corp
Part # EL5171
Download  EL5171 Download
File Size   751.27 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 250MHz Differential Twisted-Pair Drivers

EL5171 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5171 Datasheet PDF - Renesas Technology Corp

Part # EL5171
Download  EL5171 Click to download

File Size   751.27 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 250MHz Differential Twisted-Pair Drivers

EL5171 Datasheet (HTML) - Renesas Technology Corp


EL5171 Product details

250MHz Differential Twisted-Pair Drivers

The EL5171 and EL5371 are single and triple bandwidth amplifiers with an output in differential form. They are primarily targeted for applications such as driving twisted-pair lines in component video applications. The input signal is single-ended and the outputs are always differential.

Features
• Fully differential outputs and feedback
• Input range ±2.3V typ.
• 250MHz 3dB bandwidth
• 800V/µs slew rate
• Low distortion at 5MHz
• Single 5V or dual ±5V supplies
• 90mA maximum output current
• Low power - 8mA per channel
• Pb-free available (RoHS compliant)

Applications
• Twisted-pair driver
• Differential line driver
• VGA over twisted-pair
• ADSL/HDSL driver
• Single-ended to differential amplification
• Transmission of analog signals in a noisy environment




Similar Part No. - EL5171

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
250MHz Differential Twisted-Pair Drivers
EL5171IS INTERSIL-EL5171IS Datasheet
331Kb / 14P
250MHz Differential Twisted-Pair Drivers
October 30, 2006
EL5171IS INTERSIL-EL5171IS Datasheet
533Kb / 14P
250MHz Differential Twisted-Pair Drivers
EL5171IS-T13 INTERSIL-EL5171IS-T13 Datasheet
331Kb / 14P
250MHz Differential Twisted-Pair Drivers
October 30, 2006
EL5171IS-T7 INTERSIL-EL5171IS-T7 Datasheet
331Kb / 14P
250MHz Differential Twisted-Pair Drivers
October 30, 2006
More results


Similar Description - EL5171

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5171 INTERSIL-EL5171_06 Datasheet
331Kb / 14P
250MHz Differential Twisted-Pair Drivers
October 30, 2006
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
100MHz Differential Twisted-Pair Drivers
April 24, 2006
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
450MHz Differential Twisted-Pair Drivers
January 25, 2006
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
450MHz Differential Twisted-Pair Drivers
February 4, 2008
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
700MHz Differential Twisted-Pair Drivers
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
250MHz Differential Twisted-Pair Drivers
EL5176 INTERSIL-EL5176 Datasheet
360Kb / 11P
250MHz Differential Twisted-Pair Driver
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
450MHz Differential Twisted-Pair Drivers
EL5176 RENESAS-EL5176 Datasheet
634Kb / 12P
250MHz Differential Twisted-Pair Driver
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
700MHz Differential Twisted-Pair Drivers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com