Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5176 Datasheet (PDF) - Intersil Corporation

EL5176 Datasheet PDF - Intersil Corporation
Part # EL5176
Download  EL5176 Download
File Size   360.79 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 250MHz Differential Twisted-Pair Driver

EL5176 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5176 Datasheet PDF - Intersil Corporation

Part # EL5176
Download  EL5176 Click to download

File Size   360.79 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 250MHz Differential Twisted-Pair Driver

EL5176 Datasheet (HTML) - Intersil Corporation


EL5176 Product details

The EL5176 is a high bandwidth amplifier with an output in differential form. It is primarily targeted for applications such as driving twisted-pair lines or any application where common mode injection is likely to occur. The input signal can be in either single-ended or differential form but the output is always in differential form.

Features
• Fully differential inputs, outputs, and feedback
• 250MHz 3dB bandwidth
• 800V/µs slew rate
• Low distortion at 20MHz
• Single 5V or dual ±5V supplies
• 40mA maximum output current
• Low power - 8mA typical supply current
• Pb-free (RoHS compliant)

Applications
• Twisted-pair drivers
• Differential line drivers
• VGA over twisted-pair
• ADSL/HDSL drivers
• Single-ended to differential amplification
• Transmission of analog signals in a noisy environment




Similar Part No. - EL5176

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5176 RENESAS-EL5176 Datasheet
634Kb / 12P
250MHz Differential Twisted-Pair Driver
EL5176IYZ RENESAS-EL5176IYZ Datasheet
634Kb / 12P
250MHz Differential Twisted-Pair Driver
More results


Similar Description - EL5176

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2141 INTERSIL-EL2141 Datasheet
270Kb / 6P
150MHz Differential Twisted Pair Driver
February 11, 2005
EL5171 INTERSIL-EL5171_06 Datasheet
331Kb / 14P
250MHz Differential Twisted-Pair Drivers
October 30, 2006
EL5177 INTERSIL-EL5177_05 Datasheet
423Kb / 11P
550MHz Differential Twisted-Pair Driver
August 8, 2005
EL5177 INTERSIL-EL5177_07 Datasheet
269Kb / 11P
550MHz Differential Twisted-Pair Driver
May 10, 2007
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
250MHz Differential Twisted-Pair Drivers
EL5177 INTERSIL-EL5177 Datasheet
441Kb / 11P
550MHz Differential Twisted-Pair Driver
September 14, 2010
logo
Renesas Technology Corp
EL2141 RENESAS-EL2141 Datasheet
469Kb / 6P
150MHz Differential Twisted Pair Driver
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
250MHz Differential Twisted-Pair Drivers
EL5176 RENESAS-EL5176 Datasheet
634Kb / 12P
250MHz Differential Twisted-Pair Driver
EL5177 RENESAS-EL5177 Datasheet
644Kb / 12P
550MHz Differential Twisted-Pair Driver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com