Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5177 Datasheet (PDF) - Renesas Technology Corp

EL5177 Datasheet PDF - Renesas Technology Corp
Part # EL5177
Download  EL5177 Download
File Size   644.65 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 550MHz Differential Twisted-Pair Driver

EL5177 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5177 Datasheet PDF - Renesas Technology Corp

Part # EL5177
Download  EL5177 Click to download

File Size   644.65 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 550MHz Differential Twisted-Pair Driver

EL5177 Datasheet (HTML) - Renesas Technology Corp


EL5177 Product details

550MHz Differential Twisted-Pair Driver

The EL5177 is a high bandwidth amplifier with an output in differential form. It is primarily targeted for applications such as driving twisted-pair lines or any application where common mode injection is likely to occur. The input signal can be in either single-ended or differential form but the output is always in differential form.

Features
• Fully differential inputs, outputs, and feedback
• Differential input range ±2.3V
• 550MHz 3dB bandwidth
• 1100V/µs slew rate
• Low distortion at 20MHz
• Single 5V or dual ±5V supplies
• 40mA maximum output current
• Low power, 12.5mA typical supply current
• Pb-free (RoHS compliant)

Applications
• Twisted-pair drivers
• Differential line drivers
• VGA over twisted-pair
• ADSL/HDSL drivers
• Single-ended to differential amplification
• Transmission of analog signals in a noisy environment




Similar Part No. - EL5177

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5177 INTERSIL-EL5177 Datasheet
269Kb / 11P
550MHz Differential Twisted-Pair Driver
May 10, 2007
EL5177 INTERSIL-EL5177 Datasheet
441Kb / 11P
550MHz Differential Twisted-Pair Driver
September 14, 2010
EL5177IY INTERSIL-EL5177IY Datasheet
423Kb / 11P
550MHz Differential Twisted-Pair Driver
August 8, 2005
EL5177IY INTERSIL-EL5177IY Datasheet
269Kb / 11P
550MHz Differential Twisted-Pair Driver
May 10, 2007
EL5177IY-T13 INTERSIL-EL5177IY-T13 Datasheet
423Kb / 11P
550MHz Differential Twisted-Pair Driver
August 8, 2005
More results


Similar Description - EL5177

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2140C ELANTEC-EL2140C Datasheet
219Kb / 12P
150 MHz Differential Twisted Pair Driver
logo
Intersil Corporation
EL2141 INTERSIL-EL2141 Datasheet
270Kb / 6P
150MHz Differential Twisted Pair Driver
February 11, 2005
EL5177 INTERSIL-EL5177_05 Datasheet
423Kb / 11P
550MHz Differential Twisted-Pair Driver
August 8, 2005
EL5177 INTERSIL-EL5177_07 Datasheet
269Kb / 11P
550MHz Differential Twisted-Pair Driver
May 10, 2007
EL5174 INTERSIL-EL5174 Datasheet
563Kb / 15P
550MHz Differential Twisted-Pair Drivers
August 3, 2010
EL5177 INTERSIL-EL5177 Datasheet
441Kb / 11P
550MHz Differential Twisted-Pair Driver
September 14, 2010
EL5176 INTERSIL-EL5176 Datasheet
360Kb / 11P
250MHz Differential Twisted-Pair Driver
logo
Renesas Technology Corp
EL2141 RENESAS-EL2141 Datasheet
469Kb / 6P
150MHz Differential Twisted Pair Driver
EL5174 RENESAS-EL5174 Datasheet
774Kb / 15P
550MHz Differential Twisted-Pair Drivers
EL5176 RENESAS-EL5176 Datasheet
634Kb / 12P
250MHz Differential Twisted-Pair Driver
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com