Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5174 Datasheet (PDF) - Renesas Technology Corp

EL5174 Datasheet PDF - Renesas Technology Corp
Part # EL5174
Download  EL5174 Download
File Size   774.54 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 550MHz Differential Twisted-Pair Drivers

EL5174 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5174 Datasheet PDF - Renesas Technology Corp

Part # EL5174
Download  EL5174 Click to download

File Size   774.54 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 550MHz Differential Twisted-Pair Drivers

EL5174 Datasheet (HTML) - Renesas Technology Corp


EL5174 Product details

550MHz Differential Twisted-Pair Drivers

The EL5174 and EL5374 are single and triple high bandwidth amplifiers with an output in differential form. They are primarily targeted for applications such as driving twisted-pair lines in component video applications. The inputs can be in either single-ended or differential form but the outputs are always in differential form.

Features
• Fully differential inputs, outputs, and feedback
• Differential input range ±2.3V
• 550MHz 3dB bandwidth
• 1100V/µs slew rate
• Low distortion at 5MHz
• Single 5V or dual ±5V supplies
• 60mA maximum output current
• Low power - 12.5mA per channel
• Pb-free (RoHS compliant)

Applications
• Twisted-pair driver
• Differential line driver
• VGA over twisted-pair
• ADSL/HDSL driver
• Single-ended to differential amplification
• Transmission of analog signals in a noisy environment




Similar Part No. - EL5174

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5174 INTERSIL-EL5174 Datasheet
563Kb / 15P
550MHz Differential Twisted-Pair Drivers
August 3, 2010
EL5174IS INTERSIL-EL5174IS Datasheet
563Kb / 15P
550MHz Differential Twisted-Pair Drivers
August 3, 2010
EL5174ISZ INTERSIL-EL5174ISZ Datasheet
563Kb / 15P
550MHz Differential Twisted-Pair Drivers
August 3, 2010
More results


Similar Description - EL5174

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
450MHz Differential Twisted-Pair Drivers
January 25, 2006
EL5177 INTERSIL-EL5177_05 Datasheet
423Kb / 11P
550MHz Differential Twisted-Pair Driver
August 8, 2005
EL5177 INTERSIL-EL5177_07 Datasheet
269Kb / 11P
550MHz Differential Twisted-Pair Driver
May 10, 2007
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
450MHz Differential Twisted-Pair Drivers
February 4, 2008
EL5174 INTERSIL-EL5174 Datasheet
563Kb / 15P
550MHz Differential Twisted-Pair Drivers
August 3, 2010
EL5177 INTERSIL-EL5177 Datasheet
441Kb / 11P
550MHz Differential Twisted-Pair Driver
September 14, 2010
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
250MHz Differential Twisted-Pair Drivers
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
450MHz Differential Twisted-Pair Drivers
EL5177 RENESAS-EL5177 Datasheet
644Kb / 12P
550MHz Differential Twisted-Pair Driver
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
700MHz Differential Twisted-Pair Drivers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com