Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5174IS Datasheet (PDF) - Intersil Corporation

EL5174IS Datasheet PDF - Intersil Corporation
Part # EL5174IS
Download  EL5174IS Download
File Size   563.78 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 550MHz Differential Twisted-Pair Drivers

EL5174IS Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5174IS Datasheet PDF - Intersil Corporation

Part # EL5174IS
Download  EL5174IS Click to download

File Size   563.78 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 550MHz Differential Twisted-Pair Drivers

EL5174IS Datasheet (HTML) - Intersil Corporation


EL5174IS Product details

550MHz Differential Twisted-Pair Drivers

The EL5174 and EL5374 are single and triple high bandwidth amplifiers with an output in differential form. They are primarily targeted for applications such as driving twisted-pair lines in component video applications. The inputs can be in either single-ended or differential form but the outputs are always in differential form.

Features
• Fully differential inputs, outputs, and feedback
• Differential input range ±2.3V
• 550MHz 3dB bandwidth
• 1100V/µs slew rate
• Low distortion at 5MHz
• Single 5V or dual ±5V supplies
• 60mA maximum output current
• Low power - 12.5mA per channel
• Pb-free available (RoHS compliant)

Applications
• Twisted-pair driver
• Differential line driver
• VGA over twisted-pair
• ADSL/HDSL driver
• Single-ended to differential amplification
• Transmission of analog signals in a noisy environment




Similar Part No. - EL5174IS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5174ISZ RENESAS-EL5174ISZ Datasheet
774Kb / 15P
550MHz Differential Twisted-Pair Drivers
More results


Similar Description - EL5174IS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
450MHz Differential Twisted-Pair Drivers
January 25, 2006
EL5177 INTERSIL-EL5177_05 Datasheet
423Kb / 11P
550MHz Differential Twisted-Pair Driver
August 8, 2005
EL5177 INTERSIL-EL5177_07 Datasheet
269Kb / 11P
550MHz Differential Twisted-Pair Driver
May 10, 2007
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
450MHz Differential Twisted-Pair Drivers
February 4, 2008
EL5177 INTERSIL-EL5177 Datasheet
441Kb / 11P
550MHz Differential Twisted-Pair Driver
September 14, 2010
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
250MHz Differential Twisted-Pair Drivers
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
450MHz Differential Twisted-Pair Drivers
EL5174 RENESAS-EL5174 Datasheet
774Kb / 15P
550MHz Differential Twisted-Pair Drivers
EL5177 RENESAS-EL5177 Datasheet
644Kb / 12P
550MHz Differential Twisted-Pair Driver
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
700MHz Differential Twisted-Pair Drivers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com