Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97645A Datasheet (PDF) - Renesas Technology Corp

ISL97645A Datasheet PDF - Renesas Technology Corp
Part # ISL97645A
Download  ISL97645A Download
File Size   970.58 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Boost VON Slice VCOM Reset

ISL97645A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97645A Datasheet PDF - Renesas Technology Corp

Part # ISL97645A
Download  ISL97645A Click to download

File Size   970.58 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Boost VON Slice VCOM Reset

ISL97645A Datasheet (HTML) - Renesas Technology Corp


ISL97645A Product details

Boost + VON Slice + VCOM + Reset

The ISL97645A represents an integrated DC/DC regulator for monitor and notebook applications with screen sizes up to 20”. The device integrates a boost converter for generating AVDD, a VON slice circuit, and a high performance VCOM amplifier.

Features
• 2.7V to 5.5V Input
• 2.6A Integrated Boost for Up to 20V AVDD
• Integrated VON Slice
• RESET signal generated by Supply Monitor
• 600kHz/1.2MHz fS
• VCOM Amplifier
    - 30MHz BW
    - 50V/µs SR
    - 400mA Peak Output Current
• UV and OT Protection
• 24 Ld 4x4 QFN
• Pb-Free (RoHS Compliant)

Applications
• LCD Monitors (15”+)
• Notebook Display (up to 16”)




Similar Part No. - ISL97645A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97645A INTERSIL-ISL97645A Datasheet
523Kb / 15P
Boost VON Slice VCOM
July 2, 2007
ISL97645A INTERSIL-ISL97645A Datasheet
534Kb / 16P
Boost VON Slice VCOM Reset
October 21, 2010
ISL97645AIRZ INTERSIL-ISL97645AIRZ Datasheet
523Kb / 15P
Boost VON Slice VCOM
July 2, 2007
ISL97645AIRZ INTERSIL-ISL97645AIRZ Datasheet
534Kb / 16P
Boost VON Slice VCOM Reset
October 21, 2010
ISL97645AIRZ-T INTERSIL-ISL97645AIRZ-T Datasheet
523Kb / 15P
Boost VON Slice VCOM
July 2, 2007
More results


Similar Description - ISL97645A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97646 INTERSIL-ISL97646 Datasheet
446Kb / 15P
Boost LDO VON Slice VCOM
December 21, 2006
ISL97644 INTERSIL-ISL97644 Datasheet
548Kb / 15P
Boost LDO VON Slice VCOM
ISL97645 INTERSIL-ISL97645 Datasheet
539Kb / 14P
Boost VON Slice VCOM
April 11, 2006
ISL97645A INTERSIL-ISL97645A Datasheet
523Kb / 15P
Boost VON Slice VCOM
July 2, 2007
ISL97645 INTERSIL-ISL97645_07 Datasheet
439Kb / 14P
Boost VON Slice VCOM
December 14, 2007
ISL97644 INTERSIL-ISL97644_07 Datasheet
448Kb / 15P
Boost LDO VON Slice VCOM
December 14, 2007
ISL97645A INTERSIL-ISL97645A_10 Datasheet
534Kb / 16P
Boost VON Slice VCOM Reset
October 21, 2010
ISL97646 INTERSIL-ISL97646_07 Datasheet
453Kb / 15P
Boost LDO VON Slice VCOM
December 14, 2007
logo
Renesas Technology Corp
ISL97644 RENESAS-ISL97644 Datasheet
855Kb / 15P
Boost LDO VON Slice VCOM
ISL97645 RENESAS-ISL97645 Datasheet
899Kb / 14P
Boost VON Slice VCOM
December 14, 2007
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com