Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97649A Datasheet (PDF) - Renesas Technology Corp

ISL97649A Datasheet PDF - Renesas Technology Corp
Part # ISL97649A
Download  ISL97649A Download
File Size   1300.25 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET

ISL97649A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97649A Datasheet PDF - Renesas Technology Corp

Part # ISL97649A
Download  ISL97649A Click to download

File Size   1300.25 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET

ISL97649A Datasheet (HTML) - Renesas Technology Corp


ISL97649A Product details

TFT-LCD Supply + DCP + VCOM Amplifier + Gate Pulse Modulator + RESET

The ISL97649A is an integrated power management IC (PMIC) for TFT-LCDs used in notebooks, tablet PCs, and monitors. The device integrates a boost converter for generating AVDD, an LDO for VLOGIC. VON and VOFF are generated by a charge pump driven by the switch node of the boost. The ISL97649A also includes a VON slice circuit, reset function, and a high performance VCOM amplifier with DCP (Digitally Controlled Potentiometer) that is used as a VCOM calibrator.

Features
• 2.5V to 5.5V input
• 1.5A, 0.18Ω integrated boost FET
• VON/VOFF supplies generated by charge pumps driven by the boost switch node
• LDO for VLOGIC channel
• 600/1200kHz selectable switching frequency
• Integrated gate pulse modulator
• Reset signal generated by supply monitor
• Integrated VCOM amplifier
• DCP
    - I2C serial interface, address: 0101000, MSB left
    - Wiper position stored in 8-bit nonvolatile memory and recalled on power-up
    - Endurance, 1,000 data changes per bit
• UVLO, UVP, OVP, OCP, and OTP protection
• Pb-free (RoHS compliant)
• 28 Ld 4x5 QFN

Applications
• LCD notebook, tablet, and monitor




Similar Part No. - ISL97649A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97649A INTERSIL-ISL97649A Datasheet
1,008Kb / 20P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
December 5, 2011
ISL97649AIRTZ-EVALZ INTERSIL-ISL97649AIRTZ-EVALZ Datasheet
1,008Kb / 20P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
December 5, 2011
ISL97649AIRZ INTERSIL-ISL97649AIRZ Datasheet
1,008Kb / 20P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
December 5, 2011
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
More results


Similar Description - ISL97649A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45041_0608 INTERSIL-ISL45041_0608 Datasheet
331Kb / 7P
TFT-LCD I2C Programmable VCOM Calibrator
August 29, 2006
ISL97649A INTERSIL-ISL97649A Datasheet
1,008Kb / 20P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
December 5, 2011
ISL97649B INTERSIL-ISL97649B Datasheet
929Kb / 19P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
December 5, 2011
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
logo
Richtek Technology Corp...
RT8901 RICHTEK-RT8901 Datasheet
182Kb / 10P
35V Gate Pulse Modulator for LCD Panels
logo
Renesas Technology Corp
ISL97649B RENESAS-ISL97649B Datasheet
1Mb / 20P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
ISL97649AR5566 RENESAS-ISL97649AR5566 Datasheet
1Mb / 21P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
ISL98665 RENESAS-ISL98665 Datasheet
1Mb / 23P
TFT-LCD Supplies DVR VCOM Amplifier
June 27, 2013
VPA2000 RENESAS-VPA2000 Datasheet
1Mb / 25P
TFT-LCD Power Supply with VCOM Amplifier
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com