Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL98665 Datasheet (PDF) - Renesas Technology Corp

ISL98665 Datasheet PDF - Renesas Technology Corp
Part # ISL98665
Download  ISL98665 Download
File Size   1165.25 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description TFT-LCD Supplies DVR VCOM Amplifier

ISL98665 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL98665 Datasheet PDF - Renesas Technology Corp

Part # ISL98665
Download  ISL98665 Click to download

File Size   1165.25 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description TFT-LCD Supplies DVR VCOM Amplifier

ISL98665 Datasheet (HTML) - Renesas Technology Corp


ISL98665 Product details

Features
• 2.2V to 5.5V input
• 2.5A, 0.15Ω integrated AVDD boost FET
• 1.2A integrated boost for up to 37.5V VGH with temperature
compensation
• LDO able to deliver 360mA
• Adjustable boost switching frequency from 310kHz to
1.2MHz
• Integrated high output current VCOM amplifier
• DVR (digital variable resistor)
- Wiper position stored in 7-bit nonvolatile memory and
recalled on power-up
- Endurance, 1,000 data changes per bit
• UVLO, OVP, OCP, and OTP protection
• 28 Ld, 4x5mm TQFN package
• Pb-Free (RoHS compliant)
Applications
• LCD Notebook, Tablet, and Monitor




Similar Part No. - ISL98665

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL98602IRAAZ INTERSIL-ISL98602IRAAZ Datasheet
81Kb / 3P
5 Channel DC/DC Converter VON Slice Power Good
ISL98602IRAAZ-T INTERSIL-ISL98602IRAAZ-T Datasheet
81Kb / 3P
5 Channel DC/DC Converter VON Slice Power Good
ISL98602IRAAZ-T7A INTERSIL-ISL98602IRAAZ-T7A Datasheet
81Kb / 3P
5 Channel DC/DC Converter VON Slice Power Good
ISL98602IRAAZ-TK INTERSIL-ISL98602IRAAZ-TK Datasheet
81Kb / 3P
5 Channel DC/DC Converter VON Slice Power Good
ISL98602IRABZ INTERSIL-ISL98602IRABZ Datasheet
81Kb / 3P
5 Channel DC/DC Converter VON Slice Power Good
More results


Similar Description - ISL98665

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45041_0608 INTERSIL-ISL45041_0608 Datasheet
331Kb / 7P
TFT-LCD I2C Programmable VCOM Calibrator
August 29, 2006
ISL45041 INTERSIL-ISL45041 Datasheet
489Kb / 7P
TFT-LCD I2C Programmable VCOM Calibrator
August 12, 2010
ISL45041_1012 INTERSIL-ISL45041_1012 Datasheet
352Kb / 7P
TFT-LCD I2C Programmable VCOM Calibrator
December 17, 2010
ISL97649A INTERSIL-ISL97649A Datasheet
1,008Kb / 20P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
December 5, 2011
ISL97649B INTERSIL-ISL97649B Datasheet
929Kb / 19P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
December 5, 2011
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
278Kb / 8P
TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
logo
Renesas Technology Corp
ISL97649A RENESAS-ISL97649A Datasheet
1Mb / 22P
TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
ISL45041 RENESAS-ISL45041 Datasheet
529Kb / 8P
TFT-LCD I2C Programmable VCOM Calibrator
VPA2000 RENESAS-VPA2000 Datasheet
1Mb / 25P
TFT-LCD Power Supply with VCOM Amplifier
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com