Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97672B Datasheet (PDF) - Renesas Technology Corp

ISL97672B Datasheet PDF - Renesas Technology Corp
Part # ISL97672B
Download  ISL97672B Download
File Size   1014.22 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-Channel LED Driver with Ultra Low Dimming Capability

ISL97672B Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97672B Datasheet PDF - Renesas Technology Corp

Part # ISL97672B
Download  ISL97672B Click to download

File Size   1014.22 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-Channel LED Driver with Ultra Low Dimming Capability

ISL97672B Datasheet (HTML) - Renesas Technology Corp


ISL97672B Product details

6-Channel LED Driver with Ultra Low Dimming Capability

The ISL97672B is an integrated 6-channel power LED driver for LCD backlight applications. The ISL97672B is capable of driving LEDs with an input from 4.5V to 26.5V and a maximum output up to 45V.
The ISL97672B employs an adaptive boost switching architecture that allows direct PWM dimming with dimming duty cycle as low as 0.007% at 200Hz or 0.8% at 20kHz. PWM Dimming frequency can be as high as 30kHz.

Features
• 6 x 50mA channels
• 4.5V to 26.5V input
• 45V output maximum
• Adaptive boost switching architecture
• Direct PWM dimming with dimming linearity of 0.007%~100% at 200Hz or 0.8%~100% <20kHz
• Adjustable 200kHz to 1.4MHz switching frequency
• Dynamic headroom control
• Fault protections with latched flag indication
    - String open/short-circuit
    - Overvoltage Protection (OVP)
    - Over-Temperature Protection (OTP)
    - Optional output short-circuit fault protection switch
• Current matching ±0.7%
• 20 Ld 3x4 QFN package

Applications
• Notebook displays LED backlighting
• LCD monitor LED backlighting
• Multi-function printer scanning light source




Similar Part No. - ISL97672B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97672B INTERSIL-ISL97672B Datasheet
504Kb / 18P
6-Channel LED Driver with Ultra Low Dimming Capability
June 13, 2012
ISL97672B INTERSIL-ISL97672B Datasheet
727Kb / 16P
6-Channel LED Driver with Ultra Low Dimming Capability
November 22, 2013
ISL97672BIRZ INTERSIL-ISL97672BIRZ Datasheet
504Kb / 18P
6-Channel LED Driver with Ultra Low Dimming Capability
June 13, 2012
ISL97672BIRZ INTERSIL-ISL97672BIRZ Datasheet
727Kb / 16P
6-Channel LED Driver with Ultra Low Dimming Capability
November 22, 2013
ISL97672BIRZ-EVAL INTERSIL-ISL97672BIRZ-EVAL Datasheet
504Kb / 18P
6-Channel LED Driver with Ultra Low Dimming Capability
June 13, 2012
More results


Similar Description - ISL97672B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97672A INTERSIL-ISL97672A Datasheet
703Kb / 17P
6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672B INTERSIL-ISL97672B Datasheet
504Kb / 18P
6-Channel LED Driver with Ultra Low Dimming Capability
June 13, 2012
ISL97672AIRZ-T INTERSIL-ISL97672AIRZ-T Datasheet
703Kb / 17P
6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672AIRZ INTERSIL-ISL97672AIRZ Datasheet
684Kb / 16P
6-Channel LED Driver with Ultra Low Dimming Capability
November 22, 2013
ISL97672BIRZ INTERSIL-ISL97672BIRZ Datasheet
727Kb / 16P
6-Channel LED Driver with Ultra Low Dimming Capability
November 22, 2013
logo
ON Semiconductor
CAT3649 ONSEMI-CAT3649_14 Datasheet
303Kb / 13P
6-Channel LED Driver with 32 Dimming Levels & PWM
August, 2014 ??Rev. 3
logo
IXYS Corporation
LDS8866 IXYS-LDS8866 Datasheet
368Kb / 12P
6-Channel Ultra Low Dropout LED Driver
logo
Microchip Technology
MCP1633 MICROCHIP-MCP1633 Datasheet
1Mb / 31P
Low-Side PWM Controller with LED Dimming Capability
05/14/19
logo
Renesas Technology Corp
ISL97672A RENESAS-ISL97672A Datasheet
1Mb / 17P
6-Channel LED Driver with Ultra Low Dimming Capability
Sep 14, 2017
logo
Microchip Technology
MCP1633 MICROCHIP-MCP1633_V01 Datasheet
1Mb / 35P
Low-Side PWM Controller with LED Dimming Capability
Revision B May 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com