Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97672B Datasheet (PDF) - Intersil Corporation

ISL97672B Datasheet PDF - Intersil Corporation
Part # ISL97672B
Download  ISL97672B Download
File Size   727.05 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6-Channel LED Driver with Ultra Low Dimming Capability

ISL97672B Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97672B Datasheet PDF - Intersil Corporation

Part # ISL97672B
Download  ISL97672B Click to download

File Size   727.05 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6-Channel LED Driver with Ultra Low Dimming Capability

ISL97672B Datasheet (HTML) - Intersil Corporation


ISL97672B Product details

The ISL97672B is an integrated 6-channel power LED driver for
LCD backlight applications. ISL97672B is capable of driving
LEDs with input from 4.5V to 26.5V and maximum output up to
45V.
The ISL97672B employs an adaptive boost switching
architecture that allows Direct PWM dimming with dimming
duty cycle as low as 0.007% at 200Hz or 0.8% at 20kHz. PWM
Dimming frequency can be as high as 30kHz.
The ISL97672B employs the dynamic headroom control that
monitors the highest LED forward voltage string for output
regulation to minimize headroom voltage and power loss in a
typical multi-string operation. Typical current matching between
channels is ±0.7%.
The ISL97672B incorporates extensive protection functions
that flag whenever a fault occurs. The protections include
string-open and short-circuit detections, OVP, OTP, and an
optional output short-circuit protection with external fault
disconnect switch
The ISL97672B is offered in a compact 20 Ld QFN 3x4
package and can operate in ambient temperatures of -40°C to
+85°C.

Features
• 6 x 50mA channels
• 4.5V to 26.5V input
• 45V output max
• Adaptive boost switching architecture
• Direct PWM dimming with dimming linearity of
0.007%~100% at 200Hz or 0.8%~100% <20kHz
• Adjustable 200kHz to 1.4MHz switching frequency
• Dynamic headroom control
• Fault protections with latched flag indication
- String open/short circuit
- OVP
- OTP
- Optional output short-circuit fault protection switch
• Current matching ±0.7%
• 20 Ld 3x4 QFN package

Applications
• Notebook displays LED backlighting
• LCD monitor LED backlighting
• Multi-function printer scanning light source




Similar Part No. - ISL97672B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97672B INTERSIL-ISL97672B Datasheet
504Kb / 18P
6-Channel LED Driver with Ultra Low Dimming Capability
June 13, 2012
logo
Renesas Technology Corp
ISL97672B RENESAS-ISL97672B Datasheet
1,014Kb / 17P
6-Channel LED Driver with Ultra Low Dimming Capability
logo
Intersil Corporation
ISL97672BIRZ INTERSIL-ISL97672BIRZ Datasheet
504Kb / 18P
6-Channel LED Driver with Ultra Low Dimming Capability
June 13, 2012
logo
Renesas Technology Corp
ISL97672BIRZ RENESAS-ISL97672BIRZ Datasheet
1,014Kb / 17P
6-Channel LED Driver with Ultra Low Dimming Capability
logo
Intersil Corporation
ISL97672BIRZ-EVAL INTERSIL-ISL97672BIRZ-EVAL Datasheet
504Kb / 18P
6-Channel LED Driver with Ultra Low Dimming Capability
June 13, 2012
More results


Similar Description - ISL97672B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97672A INTERSIL-ISL97672A Datasheet
703Kb / 17P
6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672B INTERSIL-ISL97672B Datasheet
504Kb / 18P
6-Channel LED Driver with Ultra Low Dimming Capability
June 13, 2012
ISL97672AIRZ-T INTERSIL-ISL97672AIRZ-T Datasheet
703Kb / 17P
6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672AIRZ INTERSIL-ISL97672AIRZ Datasheet
684Kb / 16P
6-Channel LED Driver with Ultra Low Dimming Capability
November 22, 2013
logo
ON Semiconductor
CAT3649 ONSEMI-CAT3649_14 Datasheet
303Kb / 13P
6-Channel LED Driver with 32 Dimming Levels & PWM
August, 2014 ??Rev. 3
logo
Renesas Technology Corp
ISL97672B RENESAS-ISL97672B Datasheet
1,014Kb / 17P
6-Channel LED Driver with Ultra Low Dimming Capability
logo
IXYS Corporation
LDS8866 IXYS-LDS8866 Datasheet
368Kb / 12P
6-Channel Ultra Low Dropout LED Driver
logo
Microchip Technology
MCP1633 MICROCHIP-MCP1633 Datasheet
1Mb / 31P
Low-Side PWM Controller with LED Dimming Capability
05/14/19
logo
Renesas Technology Corp
ISL97672A RENESAS-ISL97672A Datasheet
1Mb / 17P
6-Channel LED Driver with Ultra Low Dimming Capability
Sep 14, 2017
logo
Microchip Technology
MCP1633 MICROCHIP-MCP1633_V01 Datasheet
1Mb / 35P
Low-Side PWM Controller with LED Dimming Capability
Revision B May 2021
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com