Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL8170 Datasheet (PDF) - Renesas Technology Corp

EL8170 Datasheet PDF - Renesas Technology Corp
Part # EL8170
Download  EL8170 Download
File Size   985.83 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers

EL8170 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL8170 Datasheet PDF - Renesas Technology Corp

Part # EL8170
Download  EL8170 Click to download

File Size   985.83 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers

EL8170 Datasheet (HTML) - Renesas Technology Corp


EL8170 Product details

The EL8170 and EL8173 are micropower instrumentation amplifiers optimized for single supply operation over the +2.4V to +5.5V range. Inputs and outputs can operate rail-to-rail. As with all instrumentation amplifiers, a pair of inputs provide very high common-mode rejection and are completely independent from a pair of feedback terminals. The feedback terminals allow zero input to be translated to any output offset, including ground. A feedback divider controls the overall gain of the amplifier.

Features
• 95µA maximum supply current
• Maximum offset voltage
    - 200µV (EL8170)
    - 1000µV (EL8173)
• Maximum 3nA input bias current
• 396kHz -3dB bandwidth (G = 10)
• 192kHz -3dB bandwidth (G = 100)
• Single supply operation
    - Input voltage range is rail-to-rail
    - Output swings rail-to-rail
• Pb-Free (RoHS Compliant)

Applications
• Battery- or Solar-Powered Systems
• Strain Gauges
• Current Monitors
• Thermocouple Amplifiers




Similar Part No. - EL8170

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8170 INTERSIL-EL8170 Datasheet
706Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 31, 2009
EL8170 INTERSIL-EL8170 Datasheet
640Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
February 14, 2008
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 31, 2009
EL8170 INTERSIL-EL8170 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
EL8170 INTERSIL-EL8170 Datasheet
716Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 11, 2015
More results


Similar Description - EL8170

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171_06 Datasheet
828Kb / 11P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
March 9, 2006
EL8170 INTERSIL-EL8170 Datasheet
706Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 31, 2009
EL8171 INTERSIL-EL8171_07 Datasheet
642Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 3, 2007
EL8170 INTERSIL-EL8170_08 Datasheet
640Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
February 14, 2008
EL8171 INTERSIL-EL8171 Datasheet
631Kb / 13P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
July 27, 2009
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 31, 2009
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
EL8170FSZ INTERSIL-EL8170FSZ Datasheet
716Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 11, 2015
logo
Renesas Technology Corp
EL8171 RENESAS-EL8171 Datasheet
931Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com