Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL8171 Datasheet (PDF) - Intersil Corporation

EL8171 Datasheet PDF - Intersil Corporation
Part # EL8171
Download  EL8171 Download
File Size   631.91 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers

EL8171 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL8171 Datasheet PDF - Intersil Corporation

Part # EL8171
Download  EL8171 Click to download

File Size   631.91 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers

EL8171 Datasheet (HTML) - Intersil Corporation


EL8171 Product details

Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers

The EL8171 and EL8172 are micropower instrumentation amplifiers optimized for operation at 2.9V to 5V single supplies. Inputs and outputs can operate rail-to-rail. As with all instrumentation amplifiers, a pair of inputs provide very high common-mode rejection and are completely independent from a pair of feedback terminals. The feedback terminals allow zero input to be translated to any output offset, including ground. A feedback divider controls the overall gain of the amplifier.

Features
• 78µA maximum supply current
• Maximum input offset voltage
    - 300µV (EL8172)
    - 1000µV (EL8171)
• 200pA maximum input bias current
• 3µV/°C offset voltage drift
• 450kHz -3dB bandwidth (G = 10)
• 170kHz -3dB bandwidth (G = 100)
• 0.5V/µs slew rate
• Single supply operation
    - Input voltage range is rail-to-rail
    - Output swings rail-to-rail
• Output sources and sinks ±29mA load current
• 0.2% gain accuracy
• Pb-free plus anneal available (RoHS compliant)

Applications
• Battery- or solar-powered systems
• Strain gauges
• Current monitors
• Thermocouple amplifiers




Similar Part No. - EL8171

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8171 INTERSIL-EL8171 Datasheet
828Kb / 11P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
March 9, 2006
EL8171 INTERSIL-EL8171 Datasheet
642Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 3, 2007
EL8171 INTERSIL-EL8171 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
EL8171 RENESAS-EL8171 Datasheet
931Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171FSZ INTERSIL-EL8171FSZ Datasheet
642Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 3, 2007
More results


Similar Description - EL8171

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171_06 Datasheet
828Kb / 11P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
March 9, 2006
EL8170 INTERSIL-EL8170 Datasheet
706Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 31, 2009
EL8171 INTERSIL-EL8171_07 Datasheet
642Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 3, 2007
EL8170 INTERSIL-EL8170_08 Datasheet
640Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
February 14, 2008
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 31, 2009
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
EL8170FSZ INTERSIL-EL8170FSZ Datasheet
716Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 11, 2015
logo
Renesas Technology Corp
EL8170 RENESAS-EL8170 Datasheet
985Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8171 RENESAS-EL8171 Datasheet
931Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com