Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA5351 Datasheet (PDF) - Renesas Technology Corp

HA5351 Datasheet PDF - Renesas Technology Corp
Part # HA5351
Download  HA5351 Download
File Size   421.93 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 64ns Sample and Hold Amplifier

HA5351 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA5351 Datasheet PDF - Renesas Technology Corp

Part # HA5351
Download  HA5351 Click to download

File Size   421.93 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 64ns Sample and Hold Amplifier

HA5351 Datasheet (HTML) - Renesas Technology Corp


HA5351 Product details

The HA5351 is a fast acquisition, wide bandwidth sample and hold amplifier, built with the Intersil HBC-10 BiCMOS process. This sample and hold amplifier offers a combination of desirable features; fast acquisition time (70ns to 0.01% maximum), excellent DC precision and extremely low power dissipation, making it ideal for use in systems that sample multiple signals and require low power.

Features
• Fast Acquisition to 0.01%. . . . . . . . . . . . . . . . . 70ns (Max)
• Low Offset Error . . . . . . . . . . . . . . . . . . . . . . . 2mV (Max)
• Low Pedestal Error. . . . . . . . . . . . . . . . . . . . 10mV (Max)
• Low Droop Rate . . . . . . . . . . . . . . . . . . . . . . 2µV/µs (Max)
• Wide Unity Gain Bandwidth . . . . . . . . . . . . . . . . . . 40MHz
• Low Power Dissipation . . . . . . . . . . . . . . . .220mW (Max)
• Total Harmonic Distortion (Hold Mode) . . . . . . . . . -72dBc
    - (VIN = 5VP-P at 1MHz)
• Fully Differential Inputs
• On Chip Hold Capacitor
• Pb-Free (RoHS Compliant)

Applications
• Synchronous Sampling
• Wide Bandwidth A/D Conversion
• Deglitching
• Peak Detection
• High Speed DC Restore




Similar Part No. - HA5351

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5351 INTERSIL-HA5351 Datasheet
95Kb / 8P
64ns Sample and Hold Amplifier
May 1999
HA5351 INTERSIL-HA5351 Datasheet
176Kb / 7P
64ns Sample and Hold Amplifier
April 12, 2007
HA5351 INTERSIL-HA5351 Datasheet
206Kb / 7P
64ns Sample and Hold Amplifier
April 25, 2013
HA5351/883 INTERSIL-HA5351/883 Datasheet
27Kb / 1P
Fast Acquisition, Low Power Sample and Hold Amplifier
May 1997
HA5351883 INTERSIL-HA5351883 Datasheet
27Kb / 1P
Fast Acquisition, Low Power Sample and Hold Amplifier
May 1997
More results


Similar Description - HA5351

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5537 PHILIPS-NE5537 Datasheet
103Kb / 8P
Sample-and-hold amplifier
August 31, 1994
logo
Analog Devices
SMP04 AD-SMP04 Datasheet
277Kb / 15P
CMOS Quad Sample-and-Hold Amplifier
REV.D
logo
Intersil Corporation
HA5351 INTERSIL-HA5351 Datasheet
95Kb / 8P
64ns Sample and Hold Amplifier
May 1999
logo
Linear Technology
LF198A LINER-LF198A Datasheet
1Mb / 16P
Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
Precision Sample and Hold Amplifier?
logo
Fairchild Semiconductor
SPT9101 FAIRCHILD-SPT9101 Datasheet
58Kb / 8P
125 MSPS SAMPLE-AND-HOLD AMPLIFIER
logo
Intersil Corporation
HA5351 INTERSIL-HA5351_07 Datasheet
176Kb / 7P
64ns Sample and Hold Amplifier
April 12, 2007
logo
Analog Devices
SMP04GBC AD-SMP04GBC Datasheet
482Kb / 15P
CMOS Quad Sample-and-Hold Amplifier
REV. D
logo
Linear Technology
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
Precision Sample and Hold Amplifier
logo
Intersil Corporation
HA5351IBZ INTERSIL-HA5351IBZ Datasheet
206Kb / 7P
64ns Sample and Hold Amplifier
April 25, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com