Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP04 Datasheet (PDF) - Analog Devices

SMP04 Datasheet PDF - Analog Devices
Part # SMP04
Download  SMP04 Download
File Size   277.26 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Quad Sample-and-Hold Amplifier

SMP04 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMP04 Datasheet PDF - Analog Devices

Part # SMP04
Download  SMP04 Click to download

File Size   277.26 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Quad Sample-and-Hold Amplifier

SMP04 Datasheet (HTML) - Analog Devices


SMP04 Product details

GENERAL DESCRIPTION
The SMP04 is a monolithic quad sample-and-hold; it has four internal precision buffer amplifiers and internal hold capacitors. It is manufactured in ADI’s advanced oxide isolated CMOS technology to obtain the high accuracy, low droop rate and fast acquisition time required by data acquisition and signal processing systems. The device can acquire an 8-bit input signal to ± 1/2 LSB in less than four microseconds. The SMP04 can operate from single or dual power supplies with TTL/CMOS logic compatibility. Its output swing includes the negative supply.
   
FEATURES
    Four Independent Sample-and-Holds
    Internal Hold Capacitors
    High Accuracy: 12 Bit
    Very Low Droop Rate: 2 mV/s typ
    Output Buffers Stable for CL ≤ 500 pF
    TTL/CMOS Compatible Logic Inputs
    Single or Dual Supply Applications
    Monolithic Low Power CMOS Design
   
APPLICATIONS
    Signal Processing Systems
    Multichannel Data Acquisition Systems
    Automatic Test Equipment
    Medical and Analytical Instrumentation
    Event Analysis
    DAC Deglitching
   




Similar Part No. - SMP04

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SMP04 AD-SMP04 Datasheet
482Kb / 15P
CMOS Quad Sample-and-Hold Amplifier
REV. D
SMP04EP AD-SMP04EP Datasheet
482Kb / 15P
CMOS Quad Sample-and-Hold Amplifier
REV. D
SMP04EQ AD-SMP04EQ Datasheet
482Kb / 15P
CMOS Quad Sample-and-Hold Amplifier
REV. D
SMP04ES AD-SMP04ES Datasheet
482Kb / 15P
CMOS Quad Sample-and-Hold Amplifier
REV. D
SMP04GBC AD-SMP04GBC Datasheet
482Kb / 15P
CMOS Quad Sample-and-Hold Amplifier
REV. D
More results


Similar Description - SMP04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5537 PHILIPS-NE5537 Datasheet
103Kb / 8P
Sample-and-hold amplifier
August 31, 1994
logo
Intersil Corporation
HA5351 INTERSIL-HA5351 Datasheet
95Kb / 8P
64ns Sample and Hold Amplifier
May 1999
logo
Linear Technology
LF198A LINER-LF198A Datasheet
1Mb / 16P
Precision Sample and Hold Amplifier
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
Precision Sample and Hold Amplifier?
logo
Intersil Corporation
HA5351 INTERSIL-HA5351_07 Datasheet
176Kb / 7P
64ns Sample and Hold Amplifier
April 12, 2007
logo
Analog Devices
SMP04GBC AD-SMP04GBC Datasheet
482Kb / 15P
CMOS Quad Sample-and-Hold Amplifier
REV. D
SMP04 AD-SMP04_15 Datasheet
482Kb / 15P
CMOS Quad Sample and Hold Amplifier
REV. D
logo
Linear Technology
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
Precision Sample and Hold Amplifier
logo
Intersil Corporation
HA5351IBZ INTERSIL-HA5351IBZ Datasheet
206Kb / 7P
64ns Sample and Hold Amplifier
April 25, 2013
logo
Renesas Technology Corp
HA5351 RENESAS-HA5351 Datasheet
421Kb / 7P
64ns Sample and Hold Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com