Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP04 Datasheet(PDF) 3 Page - Analog Devices

Part # SMP04
Description  CMOS Quad Sample-and-Hold Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SMP04 Datasheet(HTML) 3 Page - Analog Devices

  SMP04 Datasheet HTML 1Page - Analog Devices SMP04 Datasheet HTML 2Page - Analog Devices SMP04 Datasheet HTML 3Page - Analog Devices SMP04 Datasheet HTML 4Page - Analog Devices SMP04 Datasheet HTML 5Page - Analog Devices SMP04 Datasheet HTML 6Page - Analog Devices SMP04 Datasheet HTML 7Page - Analog Devices SMP04 Datasheet HTML 8Page - Analog Devices SMP04 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SMP04
–3–
REV. D
ABSOLUTE MAXIMUM RATINGS
(TA = +25°C unless otherwise noted)
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, 17 V
VDD to VSS
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.7 V, 17 V
VLOGIC to DGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD
VIN to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSS, VDD
VOUT to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSS, VDD
Analog Output Current . . . . . . . . . . . . . . . . . . . . . . .
±20 mA
(Not Short-Circuit Protected)
Digital Input Voltage to DGND . . . . . . . –0.3 V, VDD + 0.3 V
Operating Temperature Range
EQ, EP, ES . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . +300
°C
Package Type
JA*
JC
Units
16-Lead Cerdip
94
12
°C/W
16-Lead Plastic DIP
76
33
°C/W
16-Lead SO
92
27
°C/W
* JA is specified for worst case mounting conditions, i.e., JA is specified for device
in socket for cerdip and plastic DIP packages; JA is specified for device soldered
to printed circuit board for SO package.
CAUTION
1. Stresses above those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; function operation
at or above this specification is not implied. Exposure to the above maximum
rating conditions for extended periods may affect device reliability.
2. Digital inputs and outputs are protected; however, permanent damage may
occur on unprotected units from high energy electrostatic fields. Keep units in
conductive foam or packaging at all times until ready to use. Use proper antistatic
handling procedures.
3. Remove power before inserting or removing units from their sockets.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Options*
SMP04EQ
–40
°C to +85°C
Cerdip-16
Q-16
SMP04EP
–40
°C to +85°C
PDIP-16
N-16
SMP04ES
–40
°C to +85°C
SO-16
R-16A
*Q = Cerdip; N = Plastic DIP; R = Small Outline.
PIN CONNECTIONS
16-Lead Cerdip
16-Lead Plastic DIP
16-Lead SO
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
SMP04
NC = NO CONNECT
VOUT2
VSS
VOUT4
VOUT3
VDD
VOUT1
VIN1
NC
S/H4
VIN3
VIN4
VIN2
S/H1
S/H2
DGND
S/H3
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the SMP04 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com