Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA1109IB Datasheet (PDF) - Renesas Technology Corp

HFA1109IB Datasheet PDF - Renesas Technology Corp
Part # HFA1109IB
Download  HFA1109IB Download
File Size   584.76 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 450MHz, Low Power, Current Feedback Video Operational Amplifier

HFA1109IB Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA1109IB Datasheet PDF - Renesas Technology Corp

Part # HFA1109IB
Download  HFA1109IB Click to download

File Size   584.76 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 450MHz, Low Power, Current Feedback Video Operational Amplifier

HFA1109IB Datasheet (HTML) - Renesas Technology Corp


HFA1109IB Product details

The HFA1109 is a high speed, low power, current feedback amplifier built with Intersil’s proprietary complementary bipolar UHF-1 process. This amplifier features a unique combination of power and performance specifically tailored for video applications.

Features
• Wide - 3dB Bandwidth (AV = +2) . . . . . . . . . . . . . 450MHz
• Gain Flatness (To 250MHz) . . . . . . . . . . . . . . . . . . . 0.8dB
• Very Fast Slew Rate (AV = +2). . . . . . . . . . . . . . 1100V/μs
• High Input Impedance . . . . . . . . . . . . . . . . . . . . . . 1.7MΩ
• Differential Gain/Phase . . . . . . . . . . . . . . . . . 0.02%/0.02°
• Low Supply Current . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Professional Video Processing
• Video Switchers and Routers
• Medical Imaging
• PC Multimedia Systems
• Video Distribution Amplifiers
• Flash Converter Drivers
• Radar/IF Processing




Similar Part No. - HFA1109IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1109IB INTERSIL-HFA1109IB Datasheet
107Kb / 12P
450MHz, Low Power, Current Feedback Video Operational Amplifier
March 1997
HFA1109IB INTERSIL-HFA1109IB Datasheet
288Kb / 11P
450MHz, Low Power, Current Feedback Video Operational Amplifier
August 2004
HFA1109IB INTERSIL-HFA1109IB Datasheet
225Kb / 12P
450MHz, Low Power, Current Feedback Video Operational Amplifier
April 23, 2007
HFA1109IBZ INTERSIL-HFA1109IBZ Datasheet
225Kb / 12P
450MHz, Low Power, Current Feedback Video Operational Amplifier
April 23, 2007
HFA1109IBZ96 INTERSIL-HFA1109IBZ96 Datasheet
225Kb / 12P
450MHz, Low Power, Current Feedback Video Operational Amplifier
April 23, 2007
More results


Similar Description - HFA1109IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1105 INTERSIL-HFA1105 Datasheet
118Kb / 11P
330MHz, Low Power, Current Feedback Video Operational Amplifier
September 1998
HFA1109 INTERSIL-HFA1109 Datasheet
107Kb / 12P
450MHz, Low Power, Current Feedback Video Operational Amplifier
March 1997
HFA1105 INTERSIL-HFA1105_06 Datasheet
304Kb / 12P
330MHz, Low Power, Current Feedback Video Operational Amplifier
June 6, 2006
HFA1109 INTERSIL-HFA1109_04 Datasheet
288Kb / 11P
450MHz, Low Power, Current Feedback Video Operational Amplifier
August 2004
HFA1149 INTERSIL-HFA1149_04 Datasheet
349Kb / 13P
450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
August 2004
HFA1109 INTERSIL-HFA1109_07 Datasheet
225Kb / 12P
450MHz, Low Power, Current Feedback Video Operational Amplifier
April 23, 2007
HFA1105IB INTERSIL-HFA1105IB Datasheet
307Kb / 12P
330MHz, Low Power, Current Feedback Video Operational Amplifier
June 6, 2006
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
Low-Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HFA1105 RENESAS-HFA1105 Datasheet
651Kb / 12P
330MHz, Low Power, Current Feedback Video Operational Amplifier
HFA1149 RENESAS-HFA1149 Datasheet
735Kb / 13P
450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
August 2004
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com