Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA1149 Datasheet (PDF) - Renesas Technology Corp

HFA1149 Datasheet PDF - Renesas Technology Corp
Part # HFA1149
Download  HFA1149 Download
File Size   735.33 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable

HFA1149 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA1149 Datasheet PDF - Renesas Technology Corp

Part # HFA1149
Download  HFA1149 Click to download

File Size   735.33 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable

HFA1149 Datasheet (HTML) - Renesas Technology Corp


HFA1149 Product details

Features
• Wide - 3dB Bandwidth (AV = +2) . . . . . . . . . . . . . 450MHz
• Gain Flatness (To 250MHz) . . . . . . . . . . . . . . . . . . . 0.8dB
• Very Fast Slew Rate (AV = +2) . . . . . . . . . . . . . 1100V/s
• High Input Impedance . . . . . . . . . . . . . . . . . . . . . . 1.7M
• Differential Gain/Phase . . . . . . . . . . 0.02%/0.02 Degrees
• Low Supply Current . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
• Fast Output Disable/Enable . . . . . . . . . . . . . . . .12ns/20ns
Applications
• Professional Video Processing
• Video Switchers and Routers
• Medical Imaging
• PC Multimedia Systems
• Video Pixel Switching
• Video Distribution Amplifiers
• Flash Converter Drivers
• Radar/IF Processing




Similar Part No. - HFA1149

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1149 INTERSIL-HFA1149 Datasheet
137Kb / 13P
450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
June 2000
HFA1149EVAL INTERSIL-HFA1149EVAL Datasheet
137Kb / 13P
450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
June 2000
HFA1149IB INTERSIL-HFA1149IB Datasheet
137Kb / 13P
450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
June 2000
HFA1149IB INTERSIL-HFA1149IB Datasheet
349Kb / 13P
450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
August 2004
HFA1149 INTERSIL-HFA1149_04 Datasheet
349Kb / 13P
450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
August 2004
More results


Similar Description - HFA1149

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1109 INTERSIL-HFA1109 Datasheet
107Kb / 12P
450MHz, Low Power, Current Feedback Video Operational Amplifier
March 1997
HFA1145 INTERSIL-HFA1145 Datasheet
26Kb / 5P
High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
June 1994
HFA1149 INTERSIL-HFA1149 Datasheet
137Kb / 13P
450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
June 2000
HS-1245RH INTERSIL-HS-1245RH Datasheet
44Kb / 4P
Radiation Hardened, Dual, High Speed, Low Power Video Operational Amplifier with Output Disable
1999 08
HFA1145 INTERSIL-HFA1145_06 Datasheet
418Kb / 13P
330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
June 1, 2006
HFA1109 INTERSIL-HFA1109_04 Datasheet
288Kb / 11P
450MHz, Low Power, Current Feedback Video Operational Amplifier
August 2004
HFA1149 INTERSIL-HFA1149_04 Datasheet
349Kb / 13P
450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
August 2004
HFA1109 INTERSIL-HFA1109_07 Datasheet
225Kb / 12P
450MHz, Low Power, Current Feedback Video Operational Amplifier
April 23, 2007
logo
Renesas Technology Corp
HFA1109 RENESAS-HFA1109 Datasheet
584Kb / 12P
450MHz, Low Power, Current Feedback Video Operational Amplifier
HFA1145 RENESAS-HFA1145 Datasheet
711Kb / 13P
330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com