Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-1245RH Datasheet (PDF) - Intersil Corporation

HS-1245RH Datasheet PDF - Intersil Corporation
Part # HS-1245RH
Download  HS-1245RH Download
File Size   44.59 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened, Dual, High Speed, Low Power Video Operational Amplifier with Output Disable

HS-1245RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-1245RH Datasheet PDF - Intersil Corporation

Part # HS-1245RH
Download  HS-1245RH Click to download

File Size   44.59 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened, Dual, High Speed, Low Power Video Operational Amplifier with Output Disable

HS-1245RH Datasheet (HTML) - Intersil Corporation


HS-1245RH Product details

The HS-1245RH is a radiation hardened dual high speed, low power current feedback amplifier built with Intersil’s proprietary complementary bipolar UHF-1 (DI bonded wafer) process. These devices are QML approved and are processed and screened in full compliance with MIL-PRF-38535.

Features
• Electrically Screened to SMD # 5962-96832
• QML Qualified per MIL-PRF-38535 Requirements
• MIL-PRF-38535 Class V Compliant
• Low Supply Current . . . . . . . . . . . . . . . . . . . . 5.9mA (Typ)
• Wide -3dB Bandwidth. . . . . . . . . . . . . . . . . .530MHz (Typ)
• High Slew Rate. . . . . . . . . . . . . . . . . . . . . .1050V/µs (Typ)
• Excellent Gain Flatness (to 50MHz). . . . . . ±0.11dB (Typ)
• Excellent Differential Gain . . . . . . . . . . . . . . . 0.02% (Typ)
• Excellent Differential Phase . . . . . . . . . 0.03 Degree (Typ)
• High Output Current . . . . . . . . . . . . . . . . . . . .60mA (Typ)
• Individual Output Enable/Disable
• Output Enable / Disable Time. . . . . . . . . 160ns/20ns (Typ)
• Total Gamma Dose. . . . . . . . . . . . . . . . . . . . 300kRAD(Si)
• Latch Up . . . . . . . . . . . . . . . . . . . . . None (DI Technology)

Applications
• Multiplexed Flash A/D Driver
• RGB Multiplexers and Preamps
• Video Switching and Routing
• Pulse and Video Amplifiers
• Wideband Amplifiers
• Hand Held and Miniaturized RF Equipment
• Battery Powered Communications




Similar Part No. - HS-1245RH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HS-1200 ETC1-HS-1200 Datasheet
149Kb / 3P
Crystal Clock Osclilators
HS-1200 ETC-HS-1200 Datasheet
360Kb / 2P
CRYSTAL CLOCK OSCILLATORS
logo
Nel Frequency Controls,...
HS-1200 NEL-HS-1200_10 Datasheet
58Kb / 2P
TTL Compatible Enable/Disable
logo
List of Unclassifed Man...
HS-1201 ETC-HS-1201 Datasheet
360Kb / 2P
CRYSTAL CLOCK OSCILLATORS
HS-1207 ETC-HS-1207 Datasheet
360Kb / 2P
CRYSTAL CLOCK OSCILLATORS
More results


Similar Description - HS-1245RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1145 INTERSIL-HFA1145 Datasheet
26Kb / 5P
High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
June 1994
HFA1149 INTERSIL-HFA1149 Datasheet
137Kb / 13P
450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
June 2000
HS-1145RH INTERSIL-HS-1145RH Datasheet
145Kb / 9P
Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
1999 08
HS-1254RH INTERSIL-HS-1254RH Datasheet
18Kb / 3P
Radiation Hardened, High Speed, Low Power Dual Operational Amplifier with Disable
1998 04
HS-1410RH INTERSIL-HS-1410RH Datasheet
23Kb / 2P
Radiation Hardened, High Speed, Low Power, Current Feedback Op Amp with Output Disable
August 1999
HFA1145 INTERSIL-HFA1145_06 Datasheet
418Kb / 13P
330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
June 1, 2006
HS-1145RH INTERSIL-HS-1145RH_05 Datasheet
324Kb / 9P
Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
February 14, 2005
HFA1149 INTERSIL-HFA1149_04 Datasheet
349Kb / 13P
450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
August 2004
logo
Renesas Technology Corp
HFA1145 RENESAS-HFA1145 Datasheet
711Kb / 13P
330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
HFA1149 RENESAS-HFA1149 Datasheet
735Kb / 13P
450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
August 2004
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com