Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-1410RH Datasheet (PDF) - Intersil Corporation

HS-1410RH Datasheet PDF - Intersil Corporation
Part # HS-1410RH
Download  HS-1410RH Download
File Size   23.0 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened, High Speed, Low Power, Current Feedback Op Amp with Output Disable

HS-1410RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-1410RH Datasheet PDF - Intersil Corporation

Part # HS-1410RH
Download  HS-1410RH Click to download

File Size   23.0 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened, High Speed, Low Power, Current Feedback Op Amp with Output Disable

HS-1410RH Datasheet (HTML) - Intersil Corporation


HS-1410RH Product details

Radiation Hardened, High Speed, Low Power, Current Feedback Op Amp with Output Disable

The Radiation Hardened HS-1410RH is a high speed, low power current feedback amplifier built with Intersil’s proprietary complementary bipolar UHF-1 (DI, bonded wafer) process. This technology provides an immunity to Single Event Latch-up and the capability of highly reliable performance in any radiation environment. These devices are QML approved and are manufactured and screened in full compliance with MIL-PRF-38535.

Features
• Electrically Screened to SMD # 5962-98518
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Environment
    - Total Dose. . . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
    - SEL . . . . . . . . . . . . . . None (Bonded Wafer DI Process)
• Wide 3dB Bandwidth (Typ) . . . . . . . . . . . . . . . . . . 360MHz
• High Slew Rate (Typ) . . . . . . . . . . . . . . . . . . . . 1000V/µS
• High Output Current (Typ) . . . . . . . . . . . . . . . . . . . . 60mA
• Low Supply Current (Typ). . . . . . . . . . . . . . . . . . . . 5.9mA
• Output Enable/Disable Time (Typ) . . . . . . . . . 180ns/35ns
• Upgrade for CLC410/411

Applications
• Multiplexing Flash A/D Drivers
• High Speed Signal Switching and Routing
• Pulse and Video Amplifiers
• Wideband Amplifiers
• Imaging Systems




Similar Part No. - HS-1410RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1412RH INTERSIL-HS-1412RH Datasheet
174Kb / 11P
Radiation Hardened, Quad, High Speed, Low Power, Video Closed Loop Buffer
August 1999
More results


Similar Description - HS-1410RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1145 INTERSIL-HFA1145 Datasheet
26Kb / 5P
High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
June 1994
HS-1135RH INTERSIL-HS-1135RH Datasheet
63Kb / 5P
Radiation Hardened, High Speed, Low Power Current Feedback Amplifier with Programmable Output Limiting
1999 08
HS-1145RH INTERSIL-HS-1145RH Datasheet
145Kb / 9P
Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
1999 08
HS-1245RH INTERSIL-HS-1245RH Datasheet
44Kb / 4P
Radiation Hardened, Dual, High Speed, Low Power Video Operational Amplifier with Output Disable
1999 08
HS-1254RH INTERSIL-HS-1254RH Datasheet
18Kb / 3P
Radiation Hardened, High Speed, Low Power Dual Operational Amplifier with Disable
1998 04
HS-3530ARH INTERSIL-HS-3530ARH Datasheet
29Kb / 2P
Radiation Hardened Programmable Low Power Op Amp
1999 03
logo
M.S. Kennedy Corporatio...
MSK106RH MSK-MSK106RH Datasheet
449Kb / 9P
RADIATION HARDENED HIGH POWER OP-AMP
logo
Intersil Corporation
HS-1145RH INTERSIL-HS-1145RH_05 Datasheet
324Kb / 9P
Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
February 14, 2005
HS-1135RH INTERSIL-HS-1135RH_09 Datasheet
258Kb / 9P
Radiation Hardened, High Speed, Low Power Current Feedback Amplifier
April 6, 2009
logo
Anaren Microwave
MSK106RH ANAREN-MSK106RH Datasheet
474Kb / 8P
RADIATION HARDENED HIGH POWER OP-AMP
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com