Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-1145RH Datasheet (PDF) - Intersil Corporation

HS-1145RH Datasheet PDF - Intersil Corporation
Part # HS-1145RH
Download  HS-1145RH Download
File Size   145.31 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable

HS-1145RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-1145RH Datasheet PDF - Intersil Corporation

Part # HS-1145RH
Download  HS-1145RH Click to download

File Size   145.31 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable

HS-1145RH Datasheet (HTML) - Intersil Corporation


HS-1145RH Product details

The HS-1145RH is a high speed, low power current feedback amplifier built with Intersil’s proprietary complementary bipolar UHF-1 (DI bonded wafer) process. These devices are QML approved and are processed and screened in full compliance with MIL-PRF-38535.
This amplifier features a TTL/CMOS compatible disable control, pin 8, which when pulled low, reduces the supply current and forces the output into a high impedance state. This allows easy implementation of simple, low power video switching and routing systems. Component and composite video systems also benefit from this op amp’s excellent gain flatness, and good differential gain and phase specifications. Multiplexed A/D applications will also find the HS-1145RH useful as the A/D driver/multiplexer.
Specifications for Rad Hard QML devices are controlled by the Defense Supply Center in Columbus (DSCC). The SMD numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are contained in SMD 5962-96830.

Features
• Electrically Screened to SMD # 5962-96830
• QML Qualified per MIL-PRF-38535 Requirements
• Low Supply Current . . . . . . . . . . . . . . . . . . . . 5.9mA (Typ)
• Wide -3dB Bandwidth. . . . . . . . . . . . . . . . . 360MHz (Typ)
• High Slew Rate . . . . . . . . . . . . . . . . . . . . .1000V/µs (Typ)
• Excellent Gain Flatness (to 50MHz). . . . . . ±0.07dB (Typ)
• Excellent Differential Gain . . . . . . . . . . . . . . . 0.02% (Typ)
• Excellent Differential Phase . . . . . . . . 0.03 Degrees (Typ)
• High Output Current . . . . . . . . . . . . . . . . . . . 60mA (Typ)
• Output Enable/Disable Time . . . . . . . . . 180ns/35ns (Typ)
• Total Gamma Dose . . . . . . . . . . . . . . . . . . . 300kRAD(Si)
• Latch Up. . . . . . . . . . . . . . . . . . . . . None (DI Technology)

Applications
• Multiplexed Flash A/D Driver
• RGB Multiplexers/Preamps
• Video Switching and Routing
• Pulse and Video Amplifiers
• Wideband Amplifiers
• RF/IF Signal Processing
• Imaging Systems




Similar Part No. - HS-1145RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-1145RH INTERSIL-HS-1145RH Datasheet
324Kb / 9P
Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
February 14, 2005
logo
Renesas Technology Corp
HS-1145RH RENESAS-HS-1145RH Datasheet
507Kb / 15P
Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
May 1, 2024
logo
Intersil Corporation
HS-1145RH INTERSIL-HS-1145RH_05 Datasheet
324Kb / 9P
Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
February 14, 2005
More results


Similar Description - HS-1145RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1145 INTERSIL-HFA1145 Datasheet
26Kb / 5P
High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
June 1994
HS-1135RH INTERSIL-HS-1135RH Datasheet
63Kb / 5P
Radiation Hardened, High Speed, Low Power Current Feedback Amplifier with Programmable Output Limiting
1999 08
HS-1245RH INTERSIL-HS-1245RH Datasheet
44Kb / 4P
Radiation Hardened, Dual, High Speed, Low Power Video Operational Amplifier with Output Disable
1999 08
HS-1254RH INTERSIL-HS-1254RH Datasheet
18Kb / 3P
Radiation Hardened, High Speed, Low Power Dual Operational Amplifier with Disable
1998 04
HS-1410RH INTERSIL-HS-1410RH Datasheet
23Kb / 2P
Radiation Hardened, High Speed, Low Power, Current Feedback Op Amp with Output Disable
August 1999
HFA1145 INTERSIL-HFA1145_06 Datasheet
418Kb / 13P
330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
June 1, 2006
HS-1145RH INTERSIL-HS-1145RH_05 Datasheet
324Kb / 9P
Radiation Hardened, High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
February 14, 2005
HS-1135RH INTERSIL-HS-1135RH_09 Datasheet
258Kb / 9P
Radiation Hardened, High Speed, Low Power Current Feedback Amplifier
April 6, 2009
logo
Renesas Technology Corp
HFA1145 RENESAS-HFA1145 Datasheet
711Kb / 13P
330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
HFA1245 RENESAS-HFA1245 Datasheet
549Kb / 14P
Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
July 2004
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com