Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA1135 Datasheet (PDF) - Renesas Technology Corp

HFA1135 Datasheet PDF - Renesas Technology Corp
Part # HFA1135
Download  HFA1135 Download
File Size   808.96 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 360MHz, Low Power, Video Operational Amplifier with Output Limiting

HFA1135 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA1135 Datasheet PDF - Renesas Technology Corp

Part # HFA1135
Download  HFA1135 Click to download

File Size   808.96 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 360MHz, Low Power, Video Operational Amplifier with Output Limiting

HFA1135 Datasheet (HTML) - Renesas Technology Corp


HFA1135 Product details

The HFA1135 is a high speed, low power current feedback amplifier build with Intersil’s proprietary complementary bipolar UHF-1 process. This amplifier features user programmable output limiting, via the VH and VL pins.

Features
• User Programmable Output Voltage Limiting
• Fast Overdrive Recovery . . . . . . . . . . . . . . . . . . . . . . <1ns
• Low Supply Current . . . . . . . . . . . . . . . . . . . . . . . . 6.8mA
• High Input Impedance . . . . . . . . . . . . . . . . . . . . . . . 2MΩ
• Wide -3dB Bandwidth. . . . . . . . . . . . . . . . . . . . . . 360MHz
• Very Fast Slew Rate. . . . . . . . . . . . . . . . . . . . . . 1200V/μs
• Gain Flatness (to 50MHz) . . . . . . . . . . . . . . . . . . ±0.07dB
• Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.02%
• Differential Phase. . . . . . . . . . . . . . . . . . . . . 0.04 Degrees
• Pin Compatible Upgrade to CLC501 and CLC502
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Flash A/D Drivers
• High Resolution Monitors
• Professional Video Processing
• Video Digitizing Boards/Systems
• Multimedia Systems
• RGB Preamps
• Medical Imaging
• Hand Held and Miniaturized RF Equipment
• Battery Powered Communications




Similar Part No. - HFA1135

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1135 INTERSIL-HFA1135 Datasheet
220Kb / 15P
360MHz, Low Power, Video Operational Amplifier with Output Limiting
June 2000
HFA1135 INTERSIL-HFA1135 Datasheet
421Kb / 15P
360MHz, Low Power, Video Operational Amplifier with Output Limiting
January 23, 2006
HFA1135 INTERSIL-HFA1135 Datasheet
424Kb / 15P
360MHz, Low Power, Video Operational Amplifier with Output Limiting
January 23, 2006
HFA1135EVAL INTERSIL-HFA1135EVAL Datasheet
220Kb / 15P
360MHz, Low Power, Video Operational Amplifier with Output Limiting
June 2000
HFA1135IB INTERSIL-HFA1135IB Datasheet
220Kb / 15P
360MHz, Low Power, Video Operational Amplifier with Output Limiting
June 2000
More results


Similar Description - HFA1135

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
HFA1135 INTERSIL-HFA1135 Datasheet
220Kb / 15P
360MHz, Low Power, Video Operational Amplifier with Output Limiting
June 2000
HFA1149 INTERSIL-HFA1149 Datasheet
137Kb / 13P
450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
June 2000
HFA1130 INTERSIL-HFA1130_05 Datasheet
378Kb / 12P
850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
July 15, 2005
HFA1135 INTERSIL-HFA1135_06 Datasheet
421Kb / 15P
360MHz, Low Power, Video Operational Amplifier with Output Limiting
January 23, 2006
HFA1145 INTERSIL-HFA1145_06 Datasheet
418Kb / 13P
330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
June 1, 2006
HFA1149 INTERSIL-HFA1149_04 Datasheet
349Kb / 13P
450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
August 2004
HFA1135IB INTERSIL-HFA1135IB Datasheet
424Kb / 15P
360MHz, Low Power, Video Operational Amplifier with Output Limiting
January 23, 2006
logo
Renesas Technology Corp
HFA1145 RENESAS-HFA1145 Datasheet
711Kb / 13P
330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
HFA1149 RENESAS-HFA1149 Datasheet
735Kb / 13P
450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
August 2004
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com