Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP45102 Datasheet (PDF) - Renesas Technology Corp

HSP45102 Datasheet PDF - Renesas Technology Corp
Part # HSP45102
Download  HSP45102 Download
File Size   435.17 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12-Bit Numerically Controlled Oscillator

HSP45102 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSP45102 Datasheet PDF - Renesas Technology Corp

Part # HSP45102
Download  HSP45102 Click to download

File Size   435.17 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12-Bit Numerically Controlled Oscillator

HSP45102 Datasheet (HTML) - Renesas Technology Corp


HSP45102 Product details

The Intersil HSP45102 is Numerically Controlled Oscillator (NCO12) with 32-bit frequency resolution and 12-bit output. With over 69dB of spurious free dynamic range and worst case frequency resolution of 0.009Hz, the NCO12 provides significant accuracy for frequency synthesis solutions at a competitive price.

Features
• 33MHz, 40MHz Versions
• 32-Bit Frequency Control
• BFSK, QPSK Modulation
• Serial Frequency Load
• 12-Bit Sine Output
• Offset Binary Output Format
• 0.009Hz Tuning Resolution at 40MHz
• Spurious Frequency Components <-69dBc
• Fully Static CMOS
• Low Cost
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Direct Digital Synthesis
• Modulation
• PSK Communications
• Related Products
   - HI5731 12-Bit, 100MHz D/A Converter




Similar Part No. - HSP45102

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45102 INTERSIL-HSP45102 Datasheet
48Kb / 7P
12-Bit Numerically Controlled Oscillator
January 1999
HSP45102 INTERSIL-HSP45102 Datasheet
151Kb / 7P
12-Bit Numerically Controlled Oscillator
September 6, 2005
HSP45102 INTERSIL-HSP45102 Datasheet
189Kb / 9P
12-Bit Numerically Controlled Oscillator
April 25, 2007
HSP45102PC-33 INTERSIL-HSP45102PC-33 Datasheet
48Kb / 7P
12-Bit Numerically Controlled Oscillator
January 1999
HSP45102PC-40 INTERSIL-HSP45102PC-40 Datasheet
48Kb / 7P
12-Bit Numerically Controlled Oscillator
January 1999
More results


Similar Description - HSP45102

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45102 INTERSIL-HSP45102 Datasheet
48Kb / 7P
12-Bit Numerically Controlled Oscillator
January 1999
HSP45106 INTERSIL-HSP45106 Datasheet
379Kb / 14P
16-Bit Numerically Controlled Oscillator
October 1999
HSP45116 INTERSIL-HSP45116 Datasheet
129Kb / 18P
Numerically Controlled Oscillator/Modulator
May 1999
HSP45106883 INTERSIL-HSP45106883 Datasheet
130Kb / 6P
16-Bit Numerically Controlled Oscillator
May 1999
HSP45116883 INTERSIL-HSP45116883 Datasheet
157Kb / 6P
Numerically Controlled Oscillator/Modulator
May 1999
HSP45116 INTERSIL-HSP45116_04 Datasheet
268Kb / 16P
Numerically Controlled Oscillator/Modulator
July 2004
HSP45106 INTERSIL-HSP45106_04 Datasheet
517Kb / 13P
16-Bit Numerically Controlled Oscillator
July 2004
HSP45102 INTERSIL-HSP45102_05 Datasheet
151Kb / 7P
12-Bit Numerically Controlled Oscillator
September 6, 2005
HSP45116A INTERSIL-HSP45116A_07 Datasheet
587Kb / 19P
Numerically Controlled Oscillator/Modulator
May 7, 2007
HSP45102 INTERSIL-HSP45102_07 Datasheet
189Kb / 9P
12-Bit Numerically Controlled Oscillator
April 25, 2007
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com