Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP45106 Datasheet (PDF) - Intersil Corporation

HSP45106 Datasheet PDF - Intersil Corporation
Part # HSP45106
Download  HSP45106 Download
File Size   379.01 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 16-Bit Numerically Controlled Oscillator

HSP45106 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSP45106 Datasheet PDF - Intersil Corporation

Part # HSP45106
Download  HSP45106 Click to download

File Size   379.01 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 16-Bit Numerically Controlled Oscillator

HSP45106 Datasheet (HTML) - Intersil Corporation


HSP45106 Product details

16-Bit Numerically Controlled Oscillator

The Intersil HSP45106 is a high performance 16-bit quadrature Numerically Controlled Oscillator (NCO16). The NCO16 simplifies applications requiring frequency and phase agility such as frequency-hopped modems, PSK modems, spread spectrum communications, and precision signal generators. As shown in the block diagram, the HSP45106 is divided into a Phase/Frequency Control Section (PFCS) and a Sine/Cosine Section.

Features
• 25.6MHz, 33MHz Versions
• 32-Bit Center and Offset Frequency Control
• 16-Bit Phase Control
• 8 Level PSK Supported Through Three Pin Interface
• Simultaneous 16-Bit Sine and Cosine Outputs
• Output in Two’s Complement or Offset Binary
• <0.008Hz Tuning Resolution at 33MHz
• Serial or Parallel Outputs
• Spurious Frequency Components <-90dBc
• 16-Bit Microprocessor Compatible Control Interface

Applications
• Direct Digital Synthesis
• Quadrature Signal Generation
• Spread Spectrum Communications
• PSK Modems
• Modulation - FM, FSK, PSK (BPSK, QPSK, 8PSK)
• Frequency Hopping Communications
• Precision Signal Generation
• Related Products
   - Use with Data Acquisition Parts HI5731 or HI5741




Similar Part No. - HSP45106

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45106 INTERSIL-HSP45106 Datasheet
517Kb / 13P
16-Bit Numerically Controlled Oscillator
July 2004
HSP45106/883 INTERSIL-HSP45106/883 Datasheet
130Kb / 6P
16-Bit Numerically Controlled Oscillator
May 1999
HSP45106883 INTERSIL-HSP45106883 Datasheet
130Kb / 6P
16-Bit Numerically Controlled Oscillator
May 1999
HSP45106GM-25/883 INTERSIL-HSP45106GM-25/883 Datasheet
130Kb / 6P
16-Bit Numerically Controlled Oscillator
May 1999
HSP45106JC-25 INTERSIL-HSP45106JC-25 Datasheet
517Kb / 13P
16-Bit Numerically Controlled Oscillator
July 2004
More results


Similar Description - HSP45106

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45102 INTERSIL-HSP45102 Datasheet
48Kb / 7P
12-Bit Numerically Controlled Oscillator
January 1999
HSP45116 INTERSIL-HSP45116 Datasheet
129Kb / 18P
Numerically Controlled Oscillator/Modulator
May 1999
HSP45106883 INTERSIL-HSP45106883 Datasheet
130Kb / 6P
16-Bit Numerically Controlled Oscillator
May 1999
HSP45116883 INTERSIL-HSP45116883 Datasheet
157Kb / 6P
Numerically Controlled Oscillator/Modulator
May 1999
HSP45116 INTERSIL-HSP45116_04 Datasheet
268Kb / 16P
Numerically Controlled Oscillator/Modulator
July 2004
HSP45106 INTERSIL-HSP45106_04 Datasheet
517Kb / 13P
16-Bit Numerically Controlled Oscillator
July 2004
HSP45102 INTERSIL-HSP45102_05 Datasheet
151Kb / 7P
12-Bit Numerically Controlled Oscillator
September 6, 2005
HSP45116A INTERSIL-HSP45116A_07 Datasheet
587Kb / 19P
Numerically Controlled Oscillator/Modulator
May 7, 2007
HSP45102 INTERSIL-HSP45102_07 Datasheet
189Kb / 9P
12-Bit Numerically Controlled Oscillator
April 25, 2007
logo
Renesas Technology Corp
HSP45102 RENESAS-HSP45102 Datasheet
435Kb / 9P
12-Bit Numerically Controlled Oscillator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com