| Manufacturer | Part # | Datasheet | Description |
 Intersil Corporation |
ISL83220E
|
267Kb / 11P |
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
September 2001 |
|
ICL3217
|
297Kb / 11P |
Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
July 2004 |
|
ICL3207E
|
329Kb / 12P |
/- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
June 2004 |
|
ICL3207
|
240Kb / 11P |
Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
October 20, 2005 |
|
ISL83220E
|
194Kb / 10P |
짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006 |
|
ICL3221
|
662Kb / 28P |
One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
March 1, 2006 |
|
ICL3232CVZ-T
|
662Kb / 28P |
One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
March 1, 2006 |
|
ICL3232IBNZ-T
|
662Kb / 28P |
One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
March 1, 2006 |
|
ICL3232CV-T
|
662Kb / 28P |
One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
|
 Renesas Technology Corp |
ICL3207E
|
657Kb / 13P |
/- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
|