Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL3217 Datasheet (PDF) - Intersil Corporation

ICL3217 Datasheet PDF - Intersil Corporation
Part # ICL3217
Download  ICL3217 Download
File Size   297.16 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers

ICL3217 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL3217 Datasheet PDF - Intersil Corporation

Part # ICL3217
Download  ICL3217 Click to download

File Size   297.16 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers

ICL3217 Datasheet (HTML) - Intersil Corporation


ICL3217 Product details

The Intersil ICL32X7 devices are 3.0V to 5.5V powered RS-232 transmitters (five)/receivers (three) which meet ElA/TIA-232 and V.28/V.24 specifications, even at VCC = 3.0V. Targeted applications are ISDN Terminal Adaptors, PDAs, Palmtops, peripherals, and notebook and laptop computers where the low operational, and even lower standby, power consumption is critical. The ICL3217’s efficient on-chip charge pumps, coupled with an automatic powerdown function, reduces the standby supply current to a 1µA trickle. Small footprint packaging, and the use of small, low value capacitors ensure board space savings as well. Data rates greater than 250kbps are guaranteed at worst case load conditions. This family is fully compatible with 3.3V only systems, mixed 3.3V and 5.0V systems, and 5.0V only systems, and is a lower power, pin-for-pin replacement for ‘207 and ‘237 type devices.



Features

• Pb-Free Plus Anneal Available (RoHS Compliant) (see Ordering Information)

• ±15kV ESD Protected (Human Body Model)

• 5V Lower Power Replacement for MAX207, HIN207, HIN237

• Meets EIA/TIA-232 and V.28/V.24 Specifications at 3V

• Latch-Up Free

• On-Chip Voltage Converters Require Only Four External 0.1µF Capacitors

• Automatic Powerdown (ICC = 1µA, ICL3217 Only)

• Receiver Hysteresis For Improved Noise Immunity

• Guaranteed Minimum Data Rate . . . . . . . . . . . . . 250kbps

• Guaranteed Minimum Slew Rate . . . . . . . . . . . . . . . 6V/µs

• Wide Power Supply Range . . . . . . . Single +3V to +5.5V



Applications

• Any System Requiring RS-232 Communication Ports

- Battery Powered, Hand-Held, and Portable Equipment

- Laptop Computers, Notebooks, Palmtops

- Modems, Printers and other Peripherals

- ISDN Terminal Adaptors and Set Top Boxes




Similar Part No. - ICL3217

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3217 INTERSIL-ICL3217 Datasheet
240Kb / 11P
Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
October 20, 2005
ICL3217CA INTERSIL-ICL3217CA Datasheet
240Kb / 11P
Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
October 20, 2005
ICL3217CAZ INTERSIL-ICL3217CAZ Datasheet
240Kb / 11P
Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
October 20, 2005
logo
Renesas Technology Corp
ICL3217CAZ RENESAS-ICL3217CAZ Datasheet
624Kb / 12P
Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3217CB INTERSIL-ICL3217CB Datasheet
240Kb / 11P
Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
October 20, 2005
More results


Similar Description - ICL3217

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
September 2001
ICL3207E INTERSIL-ICL3207E Datasheet
329Kb / 12P
/- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
June 2004
ICL3207 INTERSIL-ICL3207_05 Datasheet
240Kb / 11P
Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
October 20, 2005
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
ICL3221 INTERSIL-ICL3221 Datasheet
662Kb / 28P
One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
March 1, 2006
ICL3232CVZ-T INTERSIL-ICL3232CVZ-T Datasheet
662Kb / 28P
One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
March 1, 2006
ICL3232IBNZ-T INTERSIL-ICL3232IBNZ-T Datasheet
662Kb / 28P
One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
March 1, 2006
ICL3232CV-T INTERSIL-ICL3232CV-T Datasheet
662Kb / 28P
One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ICL3207 RENESAS-ICL3207 Datasheet
624Kb / 12P
Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3207E RENESAS-ICL3207E Datasheet
657Kb / 13P
/- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com