Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P569 Datasheet (PDF) - ELAN Microelectronics Corp

EM78P569 Datasheet PDF - ELAN Microelectronics Corp
Part # EM78P569
Download  EM78P569 Download
File Size   475.25 Kbytes
Page   58 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8 - BIT OTP MICRO CONTROLLER

EM78P569 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM78P569 Datasheet PDF - ELAN Microelectronics Corp

Part # EM78P569
Download  EM78P569 Click to download

File Size   475.25 Kbytes
Page   58 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8 - BIT OTP MICRO CONTROLLER

EM78P569 Datasheet (HTML) - ELAN Microelectronics Corp


EM78P569 Product details

General Description
The EM78P569 is an 8-bit RISC type microprocessor with low power, high speed CMOS technology. There are 16Kx13 bits Electrical One Time Programmable Read Only Memory (OTP-ROM) within it. It provides security bits and some One time programmable Option bits to protect the OTP memory code from any external access as well as to meet user’s options.
This integrated single chip has an on_chip watchdog timer (WDT), program OTP-ROM, data RAM, LCD driver, programmable real time clock/counter, internal interrupt, power down mode, built-in three-wire SPI, dual PWM(Pulse Width Modulation), 6-channel 10-bit A/D converter, 10-bit D/A converter and tri-state I/O.

Feature
CPU
• Operating voltage : 2.2V~5.5V at main CLK less then 3.58MHz.
• 16k x 13 on chip Electrical One Time Programmable Read Only Memory (OTP-ROM)
• 1k x 8 on chip data RAM
• Up to 51 bi-directional tri-state I/O ports
• 16 level stack for subroutine nesting
• 8-bit real time clock/counter (TCC)
• two 8-bit counters : COUNTER1 and COUNTER2
• On-chip watchdog timer (WDT)
• 99.9% single instruction cycle commands
• 8 level Normal mode frequency : 447.8K , 895.7K , 1.79M , 3.58M , 7.16M , 10.75M , 14.3M and 17.9M Hz.
• Input port interrupt function
• 12 interrupt source, 4 external, 8 internal
• Dual clocks operation (Internal PLL main clock , External 32.768KHz)
• 8x8 accumulated multiplication-addition multiplier with sign and address auto-increment function

SPI
• Serial Peripheral Interface (SPI) : a kind of serial I/O interface
• Interrupt flag available for the read buffer full,
• Programmable baud rates of communication
• Three-wire synchronous communication. (shared with IO)

PWM
• Dual PWM (Pulse Width Modulation) with 10-bit resolution
• Programmable period (or baud rate)
• Programmable duty cycle

ADC
• Operating : 2.5V∼ 5.5V
• 6-channel 10-bit successive approximation A/D converter
• Internal (VDD) or external reference

DAC
• Operating : 2.5V∼ 5.5V under VDD reference, 2.8V ~ 5.5V under 2.5V reference
• 10-bit R-2R D/A converter
• Internal (VDD or 2.5V) reference

POR
• 2.0V Power-on reset

LCD
• Common driver pins : 4
• Segment driver pins : 32
• 1/3 bias
• 1/4 duty, 1/2 duty
• 16 Level LCD contrast control by software

Multiplier
• 8 x 8 multiplier

PACKAGE
• 100-pin QFP
  73-pin die

Application
    Communication or general product.




Similar Part No. - EM78P569

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P569A EMC-EM78P569A Datasheet
812Kb / 76P
8-Bit OTP Microcontroller
More results


Similar Description - EM78P569

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
8-Bit OTP Battery Charger Controller
July 18, 2001
logo
ELAN Microelectronics C...
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
8-BIT OTP MICRO-CONTROLLER
EM78P813 EMC-EM78P813 Datasheet
533Kb / 65P
8-BIT OTP MICRO-CONTROLLER
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
8-BIT OTP MICRO-CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com