Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P568 Datasheet (PDF) - ELAN Microelectronics Corp

EM78P568 Datasheet PDF - ELAN Microelectronics Corp
Part # EM78P568
Download  EM78P568 Download
File Size   568.54 Kbytes
Page   61 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8-BIT OTP MICRO-CONTROLLER

EM78P568 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM78P568 Datasheet PDF - ELAN Microelectronics Corp

Part # EM78P568
Download  EM78P568 Click to download

File Size   568.54 Kbytes
Page   61 Pages
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp
Description 8-BIT OTP MICRO-CONTROLLER

EM78P568 Datasheet (HTML) - ELAN Microelectronics Corp


EM78P568 Product details

General Description

The EM78P568 is an 8-bit RISC type microprocessor with low power, high speed CMOS technology. There are

16Kx13 bits Electrical One Time Programmable Read Only Memory (OTP-ROM) within it. It provides security bits and some One time programmable Option bits to protect the OTP memory code from any external access as well as to meet user’s options.



Feature

CPU

‧Operating voltage : 2.2V∼5.5V

‧ 16k x 13 on chip Electrical One Time Programmable Read Only Memory (OTP-ROM)

‧ 1k x 8 on chip data RAM

‧Up to 51 bi-directional tri-state I/O ports

‧16 level stack for subroutine nesting

‧8-bit real time clock/counter (TCC)

‧two 8-bit counters : COUNTER1 and COUNTER2

‧On-chip watchdog timer (WDT)

‧99.9% single instruction cycle commands

‧Four modes (Main clock can be programmed from 447.829k to 17.913MHz generated by internal PLL)

‧Input port interrupt function

‧8 interrupt source, 4 external, 8 internal

‧Dual clocks operation (Internal PLL main clock , External 32.768KHz)

PROGRAMMING TONE GENERATORS

‧Operating voltage : 2.2V∼5.5V

‧Programming Tone1 and Tone2 dual tone generators

‧ 11-bit programming Tone1 generators

‧ 8-bit programming Tone2 generator

COMPARATOR

‧ Operating : 2.7V ~ 5.5V

‧3-channel input

‧5-bit comparison reference level setting

‧Internal (2.5V or VDD) or external reference level 

DAC

‧Operating : 2.7V∼5.5V

‧8-bit R-2R D/A converter

‧8-bit programmable tone output

‧ Easy to direct access as programmable CTCSS tone output by DAC tone generator

‧Internal (VDD or 2.5V) reference




Similar Part No. - EM78P568

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P567 EMC-EM78P567 Datasheet
415Kb / 32P
8-BIT MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
8 - BIT OTP MICRO CONTROLLER
EM78P569A EMC-EM78P569A Datasheet
812Kb / 76P
8-Bit OTP Microcontroller
More results


Similar Description - EM78P568

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
588Kb / 45P
8-Bit OTP Battery Charger Controller
July 18, 2001
logo
ELAN Microelectronics C...
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
8 - BIT OTP MICRO CONTROLLER
EM78P813 EMC-EM78P813 Datasheet
533Kb / 65P
8-BIT OTP MICRO-CONTROLLER
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
8-BIT OTP MICRO-CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com