Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P568 Datasheet(PDF) 2 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 2 Page - ELAN Microelectronics Corp

  EM78P568 Datasheet HTML 1Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
Version History
Specification Revision History
Version
Content
EM78P568
1.0
Initial version
2002/01/11
1.1
Change pin configuration
2002/04/08
1.2
Change pin configuration
2002/05/09
1.3
1.Update initial value of IOCA PAGE1 bit 3 from “x” to “0”
2.Change pin configuration on SEG20 ~ SEG28 pins locations
2002/05/16
2.0
1. Change R3 PAGE setting registers
2. Update register configuration and initial value tables
3. Add LCD waveform option bit. The new option : switch over LCD bias V1
and V2 for segments but bias remain unchanged for commons.
4.Modified pin configuration
5.Modified register setting
2002/06/12
2.1
Update error description and drawing
2002/06/19
2.2
Revise Fig.4 and Fig.5
2002/06/25
2.3
Change pin configuration
2002/08/30
2.4
Correct most of Figure #
2002/09/17
2.5
1. Change P73 interrupt setting from INT2 to INT3
2.Update pin configuration and pin description
3.Update relative RF, IOCF register bit description
2002/09/23
3.0
1.Add item 1 ~ 3 in the user application note (see user application note)
2.Clarify “not existent”, “unknown”or “undefined bits” descriptions.
3.Add LCD Type0 and Type1 waveform
4.Revised ROM size from 32kx13 to 16kx13 in the R2 description
2002/10/16
3.1
Change R3’s C,DC and Z flag status from “R” to “R/W”
2002/10/29
3.2
Fix bug in the application note
2002/1031
3.3
1.Revise pin name of pin37,38 in the pin configuration figure
2.Revise description of IOC6 PAGE1 bit 0 ~ bit 1.
3.Add new application note on IOC6 PAGE1 bit 0 ~ bit 1.
2002/11/04
3.4
Revise test condition of electrical characteristic
2002/11/07
3.5
1.Update operating voltage of Comparator, DAC and CTCSS block in the
feature description
2.Add DC voltage characteristic for 2.5VREF.
3.Revise sleep current max value from 8uA to 5uA.
4.add description in user application note
2002/11/22
3.6
1.Add DC characteristic under VDD=3V for 2.5VREF
2.Update description in user application note
2002/11/26
3.7
1.Update DC characteristic
2.Add effective VDD reference spec
3.Remove /POVD function
4.Update user application note
2002/11/29
3.8
1.Revised waveform of LCD 1/4 duty for Type 1
2.Revise CTCSS block figure
2003/01/15
3.9
1.Update DC characteristic for 2.5Vref spec and I/O port sink current spec.
2.Change OTP programming pin from P7(4~7) to P6(2~5) as following
DINCK : change from P77 to P65
ACLK : change from p76 to P64
PGMB change from P75 to P63
OEB : change from P74 to P62
2003/02/12
4.0
1 Revise description in operating current for analog circuit
2.Revise dB to dBm on level for CTCSS tone to MTX
2003/10/24
4.1
1. Update application circuit Fig.23
2. Add VII.10 section
2004/07/15
4.5
1. Update VII.9, VII.10 sections
2. Add VII.11, VII.12, VII.13 sections
2004/07/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com