Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P568 Datasheet(PDF) 36 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 36 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 40Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
31
01/31/2004
V4.7
Bit 0 ~ Bit 7 (IOC90 ~ IOC97) : PORT9(0~7) I/O direction control register
0
put the relative I/O pin as output
1
put the relative I/O pin into high impedance
PAGE1 (PORT9 switches)
7
6
5
4
3
2
1
0
P97S
P96S
P95S
P94S
P93S
P92S
P91S
P90S
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bit 0(P90S) : Switch I/O PORT90 or LCD segment signal
0
(P90 pin is selected) : normal PORT90
1
(SEG20 pin) : SEGMENT output
Bit 1(P91S) : Switch I/O PORT91 or LCD segment signal
0
(P91 pin is selected) : normal PORT91
1
(SEG19 pin) : SEGMENT output
Bit 2(P92S) : Switch I/O PORT92 or LCD segment signal
0
(P92 pin is selected) : normal PORT92
1
(SEG18 pin) : SEGMENT output
Bit 3(P93S) : Switch I/O PORT93 or LCD segment signal
0
(P93 pin is selected) : normal PORT93
1
(SEG17 pin) : SEGMENT output
Bit 4(P94S) : Switch I/O PORT94 or LCD segment signal
0
(P94 pin is selected) : normal PORT94
1
(SEG16 pin) : SEGMENT output
Bit 5(P95S) : Switch I/O PORT95 or LCD segment signal
0
(P95 pin is selected) : normal PORT95
1
(SEG15 pin) : SEGMENT output
Bit 6(P96S) : Switch I/O PORT96 or LCD segment signal
0
(P96 pin is selected) : normal PORT96
1
(SEG14 pin) : SEGMENT output
Bit 7(P97S) : Switch I/O PORT97 or LCD segment signal
0
(P97 pin is selected) : normal PORT97
1
(SEG13 pin) : SEGMENT output
IOCA (TONE2 control, Control bits for DAC, DAC tone, Reference)
PAGE0 (TONE2 control register)
7
6
5
4
3
2
1
0
T27
T26
T25
T24
T23
T22
T21
T20
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bit 0 ~ Bit 7(T20 ~ T27) : Tone generator 2 ‘s frequency divider and power control
Please Run in Normal mode .
Clock source = 111957Hz
T27~T20 = ‘11111111’ => Tone generator2 will has 438Hz SIN wave output.
:
T27~T20 = ‘00000010’ => Tone generator2 will has 55921Hz SIN wave output.
T27~T20 = ‘00000001’ => DC bias voltage output
T27~T20 = ‘00000000’ => Power off
Built-in tone generators can generate dialing tone signals for telephone of dialing tone type or just a single
tone. In DTMF application, there are two kinds of tone. One is the group of row frequency (TONE1), the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com