Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P568 Datasheet(PDF) 40 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 40 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 44Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
35
01/31/2004
V4.7
PAGE1 (Clock source and prescaler for COUNTER1 and COUNTER2)
7
6
5
4
3
2
1
0
CNT2S
C2_PSC2
C2_PSC1
C2_PSC0
CNT1S
C1_PSC2
C1_PSC1
C1_PSC0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bit 0 ~ Bit 2 (C1_PSC0 ~ C1_PSC2) : COUNTER1 prescaler ratio
C1_PSC2
C1_PSC1
C1_PSC0
COUNTER1
0
0
0
1:2
0
0
1
1:4
0
1
0
1:8
0
1
1
1:16
1
0
0
1:32
1
0
1
1:64
1
1
0
1:128
1
1
1
1:256
Bit 3(CNT1S) : COUNTER1 clock source
0/1
16.384kHz/system clock
Bit 4 ~ Bit 6 (C2_PSC0 ~ C2_PSC2) : COUNTER2 prescaler ratio
C2_PSC2
C2_PSC1
C2_PSC0
COUNTER2
0
0
0
1:2
0
0
1
1:4
0
1
0
1:8
0
1
1
1:16
1
0
0
1:32
1
0
1
1:64
1
1
0
1:128
1
1
1
1:256
Bit 7(CNT2S) : COUNTER2 clock source
0/1
16.384kHz/system clock
IOCE (Interrupt mask, TONE1 extra control bits, CTCSS control switches)
PAGE0 (Interrupt mask, TONE1 extra three control bits)
7
6
5
4
3
2
1
0
-
-
-
-
-
T1A
T19
T18
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bit 0 ~ Bit 2 (T18 ~ T1A) : Most significant 3 bits of Tone generator 1‘s frequency divider and power control
These 3 bits and other 8 bits (IOCA PAGE0 bit 7 ~ bit0) are assembled as 11-bit frequency divider for Tone
generator 1
Bit 3 : (undefined) not allowed to use
Bit 4 ~ Bit 7 : (remain these values to “0”othwise it will generate unpredicted interrupts)
PAGE1 (CTCSS control switches)
7
6
5
4
3
2
1
0
TXPWR
RXPWR BPFPWR
LPFPWR
ASW4
ASW3
ASW2
ASW1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bit 0(ASW1) : Analog switch-1 control for multi-plexer in the CTCSS block
0
Select VRX1 input
1
Select VTX1 input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com