Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P568 Datasheet(PDF) 39 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 39 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 43Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
34
01/31/2004
V4.7
IOCC (PORTC I/O control, ADC control)
PAGE0 (PORTC I/O control register)
7
6
5
4
3
2
1
0
IOCC7
IOCC6
IOCC5
IOCC4
IOCC3
IOCC2
IOCC1
IOCC0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
Bit 0 ~ Bit 7 (IOCC0 ~ IOCC7) : PORTC(0~7) I/O direction control register
0
put the relative I/O pin as output
1
put the relative I/O pin into high impedance
PAGE1 (PORT switch)
7
6
5
4
3
2
1
0
PC7S
PC6S
PC5S
PBSH
PBSL
P5SH
-
-
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bit 0 : (remain its value to “0” unchanged otherwise Comparator and CTCSS function will fail)
Bit 1: (undefined) not allowed to use
Bit 2(P5SH) : Switch I/O PORT5 high nibble(5~7) or LCD segment signal
0
(P55 ~ P57 pins are selected) : normal PORT5 high nibble(5~7)
1
(SEG10 ~ SEG12 pins are selected) : SEGMENT output
Bit 3(PBSL) : Switch I/O PORTB low nibble(0~3) or LCD segment signal
0
(PB0 ~ PB3 pins are selected) : normal PORTB low nibble(0~3)
1
(SEG28 ~ SEG25 pins are selected) : SEGMENT output
Bit 4(PBSH) : Switch I/O PORTB high nibble(4~7) or LCD segment signal
0
(PB5 ~ PB7 pins are selected) : normal PORTB high nibble(4~7)
1
(SEG24 ~ SEG21 pins are selected) : SEGMENT output
Bit 5(PC5S) : Switch I/O PORTC5 or LCD segment signal
0
(PC5 pin is selected) : normal PORTC5
1
(SEG31 pin) : SEGMENT output
Bit 6(PC6S) : Switch I/O PORTC6 or LCD segment signal
0
(PC6 pin is selected) : normal PORTC6
1
(SEG30 pin) : SEGMENT output
Bit 7(PC7S) : Switch I/O PORTC7 or LCD segment signal
0
(PC7 pin is selected) : normal PORTC7
1
(SEG29 pin) : SEGMENT output
IOCD (TONE1 control, Clock source, Prescaler of CN1 and CN2)
PAGE0 (TONE1 control)
7
6
5
4
3
2
1
0
T17
T16
T15
T14
T13
T12
T11
T10
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bit 0 ~ Bit 7 (T10 ~ T17) : Tone generator 1‘s frequency divider and power control
Please Run in Normal mode.
Clock source = 111957Hz and Freq. = 111957Hz / N, where N is divider value for T1A ~ T10 (T1A ~ T18
are in the IOCE PAGE0 Bit 2 ~ Bit 0.
If T20 ~ T18 are all “0”, then
T17 ~ T10 = ‘11111111’ => Tone generator1 will has 439Hz SIN wave output.
:
T17~T10 = ‘00000010’ => Tone generator1 will has 55978Hz SIN wave output.
T17~T10 = ‘00000001’ => DC bias voltage output
T17~T10 = ‘00000000’ => Power off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com