Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P568 Datasheet(PDF) 41 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 41 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 45Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
36
01/31/2004
V4.7
Bit 1(ASW2) : Analog switch-2 control for multi-plexer in the CTCSS block
0
Select VRX2 output
1
Select VTX2 output
Bit 2(ASW3) : Analog switch-3 control for multi-plexer in the CTCSS block
0
Select VRX3 input
1
Select VTX3 input
Bit 3(ASW4) : Analog switch-4 control for multi-plexer in the CTCSS block
0
Select VRX4 output
1
Select VTX4 output
Bit 4(LPFPWR) : Power control for sub-audio LPF in the CTCSS block.
0/1
disable/enable
Bit 5(BPFPWR) : Power control for audio BPF in the CTCSS block.
0/1
disable/enable
Bit 6(RXPWR) : RX power control for the CTCSS block
0/1
disable/enable
Bit 7(TXPWR) : TX power control for the CTCSS block
0/1
disable/enable
Audio
BPF
VRF
VRF
Rx AMP
MIC AMP
Z C
AURX/P65
RXO
RXI
MICI
MICO
Summing
MTX/P66
VRF
-10dB
0dB
ASW1
ASW2
RXPWR
LPFPWR
BPFPWR
Sub-Audio
LPF
ASW4
MUX
PORT66
MTX
MUX
PORT65
AURX
P65S
P66S
AMP
MUX
ASW3
MUX
MUX
MUX
DETO
TXPWR
TXPWR
RXPWR
VRX1
VTX1
VRX2
VTX2
VRX3
VTX3
VRX4
VTX4
(from DAC output buffer B2)
CTCSS tone input
MUX
MICO
AMUTE
Name
Register bit location
ASW1
IOCE PAGE1 bit 0
ASW2
IOCE PAGE1 bit 1
ASW3
IOCE PAGE1 bit 2
ASW4
IOCE PAGE1 bit 3
LPFPWR
IOCE PAGE1 bit 4
BPFPWR
IOCE PAGE1 bit 5
RXPWR
IOCE PAGE1 bit 6
TXPWR
IOCE PAGE1 bit 7
Name
Register bit location
P65S
IOC6 PAGE1 bit 5
P66S
IOC6 PAGE1 bit 6
AMUTE
IOC6 PAGE1 bit 7
DETO
R7 PAGE1 bit 6
Fig.14 CTCSS block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com