Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P568 Datasheet(PDF) 11 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 11 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 15Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
6
01/31/2004
V4.7
VI. Pin Descriptions
PIN
I/O
DESCRIPTION
POWER
VDD
AVDD
POWER
Digital power
Analog power
VSS
AVSS
POWER
Digital ground
Analog ground
CLOCK
XIN
I
Input pin for 32.768 kHz oscillator
XOUT
O
Output pin for 32.768 kHz oscillator
PLLC
I
Phase loop lock capacitor, connect a capacitor 0.01u to 0.047u to the ground.
LCD
COM0 ~ COM3 O
Common driver pins of LCD drivers
SEG0 ~ SEG9
SEG10 ~ SEG12
SEG13 ~ SEG20
SEG21 ~ SEG28
SEG29 ~ SEG31
O
O (I/O : PORT5)
O (I/O : PORT9)
O (I/O : PORTB)
O (I/O : PORTC)
Segment driver pins of LCD drivers
SEG10 to SEG31 are shared with IO PORT.
Programming
tone generators
TONE
O
Programming single tone or dual tone output
Comparator
CMP1
CMP2
CMP3
I (P62)
I (P63)
I (P64)
Comparator input pins. Shared with PORT62, PORT634 and PORT64.
8-bit D/A
DAO
O (P67)
D/A converter output pin.
Shared with PORT67
CTCSS
MICO
O
Microphone amplifier output. Put a feedback resistor to adjust the gain
MICI
I
Microphone amplifier input
RXO
O
Receiver amplifier output. Put a feedback resistor to adjust the gain
RXI
I
Receiver amplifier input
AURX
O (P65)
Receiving audio output
Share with PORT65
MTX
O (P66)
Modulation transmission output for CTCSS tone
Shared with PORT66
IO
P55~P57
I/O
PORT5 can be INPUT or OUTPUT port each bit.
PORT5(7:5) are shared with LCD Segment signal.
P60 ~P67
I/O
PORT6 can be INPUT or OUTPUT port each bit.
P70 ~ P77
I/O
PORT7 can be INPUT or OUTPUT port each bit.
PORT7(4~6) are shared with SPI interface pins
Internal Pull high function.
PORT7(0~3) has interrupt function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com