Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P568 Datasheet(PDF) 33 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 33 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 37Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
28
01/31/2004
V4.7
The relation between these registers is shown as follows in Fig.10.
Ps. VRSEL bit is in IOCA PAGE1 bit 4.
PORT62
MUX
CMP1
P62S
PORT63
MUX
CMP2
P63S
PORT64
MUX
CMP3
P64S
MUX
CMPS1
CMPS0
+
-
MUX
CMPREF
CMPFLAG
CMPEN
0
1
2
CMP1/P62
CMP2/P63
CMP3/P64
MUX
1/2R
R
R
1/2R
5
CMP_B4 to CMP_B0
11111
11110
00000
VRSEL
MUX
2.5V
ref
2.5V
REFEN
(This ckt is form DAC)
VR
VDD
Name
Register bit location
CMPEN
IOC5 PAGE1 bit 7
CMPS1 ~ CMPS0
IOC5 PAGE1 bit 6 ~ 5
CMP_B4 ~ CMP_B0
IOC5 PAGE1 bit 4 ~ 0
Name
Register bit location
CMPREF
RA PAGE0 bit 1
CMPFLAG
RA PAGE0 bit 2
Name
Register bit location
P62S
IOC6 PAGE1 bit 2
P63S
IOC6 PAGE1 bit 3
P64S
IOC6 PAGE1 bit 4
VRSEL
IOCA PAGE1 bit 4
Fig.10 The comparator circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com