Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P568 Datasheet(PDF) 45 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 45 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 49Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
40
01/31/2004
V4.7
The interrupt flag bit must be cleared in software before leaving the interrupt service routine and enabling
interrupts to avoid recursive interrupts.
VII.8 Instruction Set
Instruction set has the following features:
(1) Every bit of any register can be set, cleared, or tested directly.
(2) The I/O register can be regarded as general register. That is, the same instruction can operates on I/O
register.
The symbol "R" represents a register designator which specifies which one of the 64 registers (including
operational registers and general purpose registers) is to be utilized by the instruction. Bits 6 and 7 in R4
determine the selected register bank. "b'' represents a bit field designator which selects the number of the bit,
located in the register "R'', affected by the operation. "k'' represents an 8 or 10-bit constant or literal value.
INSTRUCTION BINARY
HEX
MNEMONIC
OPERATION
STATUS
AFFECTED
Instruction
cycle
0
0000
0000
0000
0000
NOP
No Operation
None
1
0
0000
0000
0001
0001
DAA
Decimal Adjust A
C
1
0
0000
0000
0010
0002
CONTW
A
→ CONT
None
1
0
0000
0000
0011
0003
SLEP
0
→ WDT, Stop oscillator
T,P
1
0
0000
0000
0100
0004
WDTC
0
→ WDT
T,P
1
0
0000
0000
rrrr
000r
IOW R
A
→ IOCR
None
1
0
0000
0001
0000
0010
ENI
Enable Interrupt
None
1
0
0000
0001
0001
0011
DISI
Disable Interrupt
None
1
0
0000
0001
0010
0012
RET
[Top of Stack]
→ PC
None
2
0
0000
0001
0011
0013
RETI
[Top of Stack]
→ PC
Enable Interrupt
None
2
0
0000
0001
0100
0014
CONTR
CONT
→ A
None
1
0
0000
0001
rrrr
001r
IOR R
IOCR
→ A
None
1
0
0000
0010
0000
0020
TBL
R2+A
→ R2 bits 9,10 do not
clear
Z,C,DC
2
0
0000
0011
0000
0030
MUL
(MR) (+/-) (s/us X)*(s/us Y)
→ MR
None
1
0
0000
01rr
rrrr
00rr
MOV R,A
A
→ R
None
1
0
0000
1000
0000
0080
CLRA
0
→ A
Z
1
0
0000
11rr
rrrr
00rr
CLR R
0
→ R
Z
1
0
0001
00rr
rrrr
01rr
SUB A,R
R-A
→ A
Z,C,DC
1
0
0001
01rr
rrrr
01rr
SUB R,A
R-A
→ R
Z,C,DC
1
0
0001
10rr
rrrr
01rr
DECA R
R-1
→ A
Z
1
0
0001
11rr
rrrr
01rr
DEC R
R-1
→ R
Z
1
0
0010
00rr
rrrr
02rr
OR A,R
A
∨ VR → A
Z
1
0
0010
01rr
rrrr
02rr
OR R,A
A
∨ VR → R
Z
1
0
0010
10rr
rrrr
02rr
AND A,R
A & R
→ A
Z
1
0
0010
11rr
rrrr
02rr
AND R,A
A & R
→ R
Z
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com