Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P568 Datasheet(PDF) 18 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 18 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 22Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
13
01/31/2004
V4.7
R7 (PORT7 I/O data, Data RAM bank)
PAGE0 (PORT7 I/O data register)
7
6
5
4
3
2
1
0
P77
P76
P75
P74
P73
P72
P71
P70
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 0 ~ Bit 7 (P70 ~ P77) : 8-bit PORT7(0~7) I/O data register
User can use IOC register to define input or output each bit.
PAGE1 (CTCSS detection output, Data RAM bank selection bits)
7
6
5
4
3
2
1
0
-
DETO
-
-
-
-
RAM_B1
RAM_B0
R
R/W-0
R/W-0
Bit 0 ~ Bit1 (RAM_B0 ~ RAM_B1) : Data RAM bank selection bits
Each bank has address 0 ~ address 255 which is total 256 (0.25k) bytes RAM size.
Data RAM bank selection : (Total RAM = 1.0K)
RAM_B1
RAM_B0
RAM bank
0
0
Bank0
0
1
Bank1
1
0
Bank2
1
1
Bank3
Bit 2 ~ Bit 5 : (undefined) not allowed to use
Bit 6(DETO) : CTCSS tone detection
The signal passing CTCSS sub audio LPF will be extracted CTCSS tone. Then this tone will go into the
ZC(Zero-crossing detector) and output to DETO bit. This bit reflects the CTCSS tone frequency pulse
waveform. The user can count the timing to get the CTCSS frequency. Also see IOCE PAGE1 for CTCSS
block and switch control.
Bit 7 : (undefined) not allowed to use
R8 (PORT8 I/O data, Data RAM address)
PAGE0 (PORT8 I/O data register)
7
6
5
4
3
2
1
0
P87
P86
P85
P84
P83
P82
P81
P80
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 0 ~ Bit 7 (P80 ~ P87) : 8-bit PORT8(0~7) I/O data register
User can use IOC register to define input or output each bit.
PAGE1 (Data RAM address register)
7
6
5
4
3
2
1
0
RAM_A7 RAM_A6 RAM_A5 RAM_A4 RAM_A3 RAM_A2 RAM_A1 RAM_A0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bit 0 ~ Bit 7 (RAM_A0 ~ RAM_A7) : data RAM address
The data RAM bank’s selection is from R7 PAGE1 bit0 ~ bit 1 (RAM_B0 ~ RAM_B1).
R9 (PORT9 I/O data, Data RAM data buffer)
PAGE0 (PORT9 I/O data register)
7
6
5
4
3
2
1
0
P97
P96
P95
P94
P93
P92
P91
P90
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com