Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P568 Datasheet(PDF) 49 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 49 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 53Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
44
01/31/2004
V4.7
VII.10 CTCSS block
VII.10.1 Block control and signal flow description
Audio
BPF
VRF
VRF
Rx AMP
MIC AMP
Z C
AURX/P65
RXO
RXI
MICI
MICO
Summing
MTX/P66
VRF
-10dB
0dB
ASW1
ASW2
RXPWR
LPFPWR
BPFPWR
Sub-Audio
LPF
ASW4
MUX
PORT66
MTX
MUX
PORT65
AURX
P65S
P66S
AMP
MUX
ASW3
MUX
MUX
MUX
DETO
TXPWR
TXPWR
RXPWR
VRX1
VTX1
VRX2
VTX2
VRX3
VTX3
VRX4
VTX4
(from DAC output buffer B2)
CTCSS tone input
MUX
MICO
AMUTE
Name
Register bit location
ASW1
IOCE PAGE1 bit 0
ASW2
IOCE PAGE1 bit 1
ASW3
IOCE PAGE1 bit 2
ASW4
IOCE PAGE1 bit 3
LPFPWR
IOCE PAGE1 bit 4
BPFPWR
IOCE PAGE1 bit 5
RXPWR
IOCE PAGE1 bit 6
TXPWR
IOCE PAGE1 bit 7
Name
Register bit location
P65S
IOC6 PAGE1 bit 5
P66S
IOC6 PAGE1 bit 6
AMUTE
IOC6 PAGE1 bit 7
DETO
R7 PAGE1 bit 6
CTCSS block on page 36 Fig.14 is the key feature for FRS baseband signal processing. For receiving path, it
receives the RF demodulator output signal and extract the audio output signal to AURX pin. Also it decodes
CTCSS tone and its decoding data is shown in the DETO. For transmitting path, it combines audio signal from
Mic Amp and CTCSS signal from DAC tone generator(as description in VII.9 section) thru MTX output to RF
modulator input end. CTCSS block consists of amplifiers, analog switch, filters and zero-crossing detector
which descriptions are shown below.
RX AMP : (Receiving amplifier) It accepts RF demodulator output signals which combine demodulated
audio and CTCSS tone. Its bias voltage is VDD/2.
MIC AMP : (Microphone amplifier) It is the audio input amplifier. Its bias voltage is VDD/2.
MUX : (Analog multiplexer switch) It is used for analog signal path switching.
Audio BPF : (Audio band pass filter) This audio BPF has pass band 300Hz ~ 3.4kHz. It is used to let audio
signal pass through and filter out CTCSS tones. It plays an important role in extracting audio signal. Also it
cut out unwanted signal while audio signal transmitting.
Sub-Audio LPF : (Sub-audio low pass filter) This sub-audio LPF has pass band 253Hz. It is used to let
CTCSS tone pass through and filters out audio signal. It plays an important in extracting CTCSS tone. Also
it cut out unwanted signal while CTCSS tone transmitting.
Summing AMP : (Summing amplifier) It is an analog signal mixer for audio signal and CTCSS tone
transmitting. CTCSS tone will be attenuated about 10dB before signal mixing.
ZC : (Zero-crossing detector) This detector transforms CTCSS tone signal from analog form to digital form.
It will be the CTCSS tone detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com