Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P568 Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM78P568 Datasheet HTML 1Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
User Application Note
(Before using this chip, take a look at the following description note, it includes important messages.)
1. There are some undefined bits in the registers. The values in these bits are unpredicted. These
bits are not allowed to use. We use the symbol “-” in the spec to recognize them.
2. You will see some names for the register bits definitions. Some name will be appear very
frequently in the whole spec. The following describes the meaning for the register’s definitions
such as bit type, bit name, bit number and so on.
765
43
2
1
0
RAB7
RAB6
BAB5
RAB4
RAB2
RAB0
R/W -0
R/W -0
R-1
R/W -1
R
R/W
Bit type
Bit name
Bit number
read/write
(default value=0)
read/write
(default value=1)
read only
(w/o default value)
read/write
(w/o default value)
PAGE0
RA
Register name and its page
-
RAB1
(undefined) not allowed to use
R-0
read only
(default value=0)
read only
(default value=1)
3. Let “IOCE PAGE0 Bit 4 ~ Bit 7” remain these values to “0”othwise it will generate unpredicted
interrupts.
4. Let “IOCC PAGE1 Bit 0” remain its value to “0” unchanged otherwise Comparator and CTCSS
function will fail.
5. Let IOC6 PAGE1 bit 0 ~ Bit 1 remain these values to “0” unchanged if PORT60,61 are used.
6. Please set RA PAGE2 bit 7 to “1” to get better LCD display performance while LCD driver is
used.
7. The difference between EM78568 and EM78P568.
Function
Item
EM78568
EM78P568
Data RAM
0.5k x 8
1k x 8
I/O
PC0
PC0 ~ PC7
PB0 ~ PB7
LCD driver
SEG0 ~ SEG19
SEG0 ~ SEG31
Package
100-pin QFP,63-pin die
100-Pin QPF, 78-pin die
DC characteristic
Parameter
Symbol
Condition
Min Typ Max Unit
Internal 2.5V ref.. 2.5VREF VDD=5V, 25 deg for EM78568
2.32 2.46 2.58
V
Voltage
VDD=5V, 25 deg for EM78P568 2.14 2.32 2.44
V
VDD=3V, 25 deg for EM78568
2.22 2.36 2.48
V
VDD=3V, 25 deg for EM78P568 2.04 2.25 2.36
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com