Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P568 Datasheet(PDF) 57 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 57 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 53Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 54Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 55Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 56Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 57Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 58Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 59Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 60Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 61Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 57 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
52
01/31/2004
V4.7
2.5Vref for Comparator or DAC
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Internal 2.5V ref. voltage.
2.5VREF
VDD=5V, 25 deg
2.14
2.32
2.44
V
VDD=3V, 25 deg
2.04
2.25
2.36
V
Reference voltage linearity △2.5VREF/△VDD VDD=5.5V ~ 3.0V
, 25 deg
5
8
%
VDD=3.0V ~ 2.7V
, 25 deg
8
15
%
Effective VDD reference for Comparator or DAC
Parameter
Symbol
Condition
Min
Typ
Max
Unit
VDD ref. voltage.
VDDref
VDD=5V ~ 2.7V,
, - 20 ~ +50 deg
VDD-
0.05
VDD-
0.02
VDD
V
(Operation current consumption for analog circuit) (Ta = 0
°C ~ 70°C, AVDD=VDD=5V±5%, VSS=0V)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Programming tone generators
Operation current for
Programming tone
generators
I_TONE TONE1 is power on
TONE2 is power on
0.35
0.6
mA
Digital to analog converter
Operation current for DAC
I_DA
0.65
0.9
mA
Comparator
Operation current for
Comparator
I_CMP
70
120
uA
CTCSS
Operation
current
for
RX
power on
I_RX
RXPWR=1, TXPWR=0
LPFPWR=0, BPFPWR=0
0.7
1.0
mA
Operation
current
for
TX
power on
I_TX
RXPWR=0, TXPWR=1
LPFPWR=0, BPFPWR=0
0.12
0.2
mA
Operation current for LPF
power on
I_LPF
RXPWR=0, TXPWR=0
LPFPWR=1, BPFPWR=0
0.3
0.5
mA
Operation current for BPF
power on
I_BPF
RXPWR=0, TXPWR=0
LPFPWR=0, BPFPWR=1
0.3
0.5
mA
* the spec for above table not including MCU current consumption
XI. AC Electrical Characteristic
CPU instruction timing (Ta = -30
°C ~ 70°C, AVDD=VDD=5V, VSS=0V)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input CLK duty cycle
Dclk
45
50
55
%
Instruction cycle time
Tins
32.768kHz
3.582MHz
60
550
us
ns
Device delay hold time
Tdrh
16
ms
TCC input period
Ttcc
Note 1
(Tins+20)/N
ns
Watchdog timer period
Twdt
Ta = 25
°C
16
ms
Note 1: N= selected prescaler ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com