Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P568 Datasheet(PDF) 53 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 53 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 53Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 54Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 55Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 56Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 57Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
48
01/31/2004
V4.7
VII.11 8-bit R-2R DAC
DAST/P67
PORT67
DAO/P67
DATEN
MUX
2.5V
ref
VDD
REFSEL
REFEN
B2
B1
2R
2R
R
2R
2R
R
8-bit
DAC
input
data
buffer
(This circuit is from Comparator)
VRSEL
To ladder resistors
CMPEN
(This circuit is from CTCSS)
MUX
ASW3
VTX3
VRX3
To Sub-Audio LPF
MUX
DAC input
MUX
DA7~DA0
DAT/DAD
(part of DAC Tone Gen.)
DAC tone gen
Name
Register bit location
DA7 ~ DA0
RA PAGE1 bit 7 ~ 0
DAT/DAD
IOCA PAGE1 bit 7
Name
Register bit location
DAST/P67
IOCA PAGE1 bit 3
DATEN
IOCA PAGE1 bit 5
ps. Please refer to “Voltage reference control logic” to set DAC reference.
Fig.22 DAC block
In DAC tone generator mode, user can get CTCSS tone output. In other case, DAC is useful in general tone
generation such as key tone, alert tone, music and so on. In DAC general mode, only VREF and DAST/P67 bits are
relative to DAC reference voltage. DAC reference voltage is come from VDD or 2.5V ref. Setting VREF bit (IOCE
PAGE1 bit 6) = 0/1 to select VDD/2.5V as reference. Setting DAST/P67 bit = 1 to power on DAC and also enable
output buffer B1. After that, DAC output signal will be sent to DAO/P67 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com