Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P568 Datasheet(PDF) 32 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 32 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 36Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
27
01/31/2004
V4.7
VDD
V1
V2
VLCD
VDD
V1
V2
VLCD
Frame
COM 0
COM1
VDD
V1
V2
VLCD
VDD
V1
V2
VLCD
SEG
SEG
dark
light
Fig.9b Type1’s LCD waveform for 1/3 bias, 1/2 duty
(Type0 or type1 is controlled by RA PAGE2 bit7)
PAGE1 (Comparator control register)
7
6
5
4
3
2
1
0
CMPEN
CMPS1
CMPS0
CMP_B4 CMP_B3 CMP_B2 CMP_B1 CMP_B0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
If user define CMP1/P63 pin, CMP2/P64 pin or CMP3/P65 pin (by CMPIN1, CMPIN2, CMPIN3 at IOCE page1)
as CMP1, CMP2 pin or CMP3 pin (comparator’s input pins), user can use this register to control comparator's
function.
Bit 0 ~ Bit 4 (CMP_B0 ~ CMP_B4) : Reference voltage selection of internal bias resistor string
Voltage = VR x ( n + 0.5 )/ 32 , n=0 to 31. Set RB bit 6 (VREF) to select VR = VREG or 2.0V
Bit 5 ~ Bit 6 (CMPS0 ~ CMPS1) : Comparator’s channel selection bits from CMP1 to CMP3
Bit 7(CMPEN) : Enable bit of the comparator circuit
0/1
disable/enable the comparator circuit
CMPS1
CMPS0
Input
0
0
CMP1
0
1
CMP2
1
0
CMP3
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com