Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P568 Datasheet(PDF) 12 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 12 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 16Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
7
01/31/2004
V4.7
P80 ~ P87
I/O
PORT8 can be INPUT or OUTPUT port each bit.
Internal pull high.
PORT85 ~ P87 are shared with ADC input
PORT8(0~3) have wake-up functions(set by RE PAGE0)
P90 ~ P97
I/O
PORT9 can be INPUT or OUTPUT port each bit.
PORT9 are shared with LCD Segment signal.
PB0 ~ PB7
I/O
PORTB can be INPUT or OUTPUT port each bit.
PORTB are shared with LCD Segment signal.
PC0 ~ PC7
I/O
PORTC can be INPUT or OUTPUT port each bit.
PORTC(7:5) are shared with LCD Segment signal.
INT0
(PORT70)
Interrupt sources. Once PORT70 has a falling edge or rising edge signal
(controlled by CONT register), it will generate a interruption.
INT1
(PORT71)
Interrupt sources which has the same interrupt flag. Any pin from PORT71
has a falling edge signal, it will generate a interruption.
INT2
(PORT72)
Interrupt sources which has the same interrupt flag. Any pin from PORT72
has a falling edge signal, it will generate a interruption.
INT3
(PORT73)
Interrupt sources which has the same interrupt flag. Any pin from PORT73
has a falling edge signal, it will generate a interruption.
/RESET
I
Low reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com